Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-3D-R

  • AI
    The **REB-3D-R** is a high-performance, professional-grade 3D LiDAR (Light Detection and Ranging) sensor developed by **Robosense** (often integrated into their RS-LiDAR platforms). It is primarily designed for autonomous driving, robotics, and industrial mapping. Below is a breakdown of its core electronic components and technical architecture. --- ## 1. Core System Architecture The electronics of the REB-3D-R are divided into three functional subsystems that handle light emission, signal capture, and data processing. | Component Group | Function | Key Technology | | :--- | :--- | :--- | | **Laser Emitter Array** | Generates pulsed light | 905nm Near-Infrared (NIR) Laser Diodes | | **Receiver Module** | Detects returning photons | Avalanche Photodiodes (APD) | | **Processing Logic** | Controls timing and I/O | High-speed FPGA / ASIC | --- ## 2. Key Electronic Specifications The performance of the unit is dictated by its internal circuitry, focusing on precision timing and high-speed data transmission. * **Wavelength:** 905 nm (Class 1 Eye Safe). * **Measurement Principle:** Time of Flight (ToF). The internal clock measures the nanosecond intervals between emission and detection. * **Data Interface:** 100 Mbps Ethernet (UDP/IP). * **Synchronization:** PPS (Pulse Per Second) and NMEA support for GPS time-stamping. * **Operating Voltage:** Typically 9V to 32V DC (automotive grade surge protection). --- ## 3. The Scanning Mechanism Unlike solid-state LiDAR, the REB-3D-R typically uses a **Mechanical Rotating Mirror** or a **Rotating Hybrid Solid-State** design. 1. **Motor Controller:** A precision brushless DC motor (BLDC) spins the optical assembly. The electronics include a closed-loop feedback system to maintain a constant rotation speed (usually 5Hz, 10Hz, or 20Hz). 2. **Encoder:** An optical or magnetic encoder provides the horizontal (azimuth) angular position to the processor in real-time. 3. **Signal Processing Board:** This board filters "noise" (like rain, fog, or dust) using multi-echo technology, allowing the sensor to see through environmental interference. --- ## 4. Input/Output (I/O) and Connectivity The sensor connects to the host computer (Robot Controller or PC) via a ruggedized connector. ### Pinout Functionality | Connection Type | Purpose | | :--- | :--- | | **Power (VCC/GND)** | Main power supply for lasers and motors. | | **Ethernet (M12 or RJ45)** | High-speed point cloud data output. | | **GPS Sync (PPS)** | Timing signal to align LiDAR data with GPS/IMU data. | | **GPRMC/GPGGA** | Serial data input for geographical positioning. | --- ## 5. Environmental Protection Electronics To ensure the electronic parts do not fail in outdoor conditions, the REB-3D-R includes: * **Thermal Management:** Internal temperature sensors that monitor laser diode heat. * **EMI/EMC Shielding:** Protection against electromagnetic interference from vehicle motors or radios. * **Overvoltage Protection:** Guards the internal PCB against voltage spikes from a vehicle's alternator. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum detection range of the REB-3D-R LiDAR?
    • ⤷ How does multi-echo technology improve performance in rain or fog?
    • ⤷ What are the power consumption requirements for this sensor?