Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-41-R

  • AI
    The **REB-41-R** is a specific electronic component, typically categorized as a **High-Voltage Reed Relay**. These components are widely used in applications requiring high isolation and fast switching of high-voltage signals. ### 1. Technical Specifications Below are the typical electronic characteristics for the REB-41-R series: | Parameter | Value (Typical) | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Up to 10,000 VDC (10kV) | | **Switching Current** | 1.0 A to 3.0 A | | **Carry Current** | 5.0 A | | **Coil Voltage** | 12V or 24V DC (Model dependent) | | **Insulation Resistance** | > $10^{12} \Omega$ | | **Contact Resistance** | < 150 $m\Omega$ | --- ### 2. Key Electronic Components & Construction The REB-41-R is composed of several critical sub-parts that work together: * **Reed Switch:** The heart of the device, consisting of two ferromagnetic blades hermetically sealed in a glass tube. The contacts are often plated with Rhodium or Tungsten to handle high-voltage arcing. * **Electromagnetic Coil:** Wrapped around the glass tube. When DC current flows through this coil, it creates a magnetic field that pulls the reed blades together to close the circuit. * **Encapsulation/Housing:** Usually a rugged plastic or epoxy molding. This provides physical protection and ensures high dielectric strength between the low-voltage coil and the high-voltage switch. * **Damping Material:** Internal silicone or epoxy used to reduce mechanical shock and vibration, which prevents "contact bounce." ### 3. Circuit Application In an electronic schematic, the REB-41-R is used as a bridge between a low-power control circuit (like a microcontroller or PLC) and a high-power load. ```cpp // Logic Diagram [Control Signal] -> [Transistor/Driver] -> [REB-41-R Coil] -> [High Voltage Load] ``` --- ### 4. Common Applications * **Medical Electronics:** Used in defibrillators and X-ray equipment for safe high-voltage switching. * **Test & Measurement:** Cable testers and insulation resistance testers (Megohmmeters). * **Power Supplies:** Discharge circuits for high-voltage capacitor banks. * **EV Battery Testing:** Managing high-voltage isolation checks in electric vehicle battery packs.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 12V and 24V coil versions of the REB-41-R?
    • ⤷ How does the REB-41-R compare to a standard solid-state relay in high-voltage scenarios?
    • ⤷ What are the mounting requirements for this relay to prevent arcing?