Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-A3-R

  • AI
    The **REB-A3-R** is an electronic module primarily known as a high-performance **GPS/GNSS Receiver Module**. It is designed for applications requiring precise positioning, low power consumption, and a small physical footprint. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Technical Specifications The REB-A3-R typically integrates the **MediaTek (MTK) chipset** architecture. Its primary function is to convert satellite signals into NMEA data protocols for a host microcontroller. | Feature | Specification | | :--- | :--- | | **Chipset** | MediaTek MT3339 or equivalent | | **Channels** | 66 Search channels, 22 Simultaneous tracking channels | | **Frequency** | L1, 1575.42 MHz | | **Sensitivity** | -165 dBm (Tracking), -148 dBm (Cold Start) | | **Interface** | UART (TTL Level) | | **Voltage Supply** | 3.0V to 5.0V DC | | **Power Consumption** | ~20mA (Tracking), ~25mA (Acquisition) | --- ### 2. Key Internal Components The module is a System-on-Module (SoM) that includes several critical electronic sub-parts: * **TCXO (Temperature Compensated Crystal Oscillator):** This is the "heartbeat" of the module. It ensures frequency stability across wide temperature ranges, allowing the GPS to maintain a lock even in extreme weather. * **LNA (Low Noise Amplifier):** Integrated to boost weak signals from the satellite before they are processed by the baseband. * **SAW Filter:** Used to filter out out-of-band interference (like cellular or Wi-Fi signals) that could degrade GPS performance. * **RTC (Real-Time Clock):** Allows the module to keep track of time even when the main power is disconnected (via a backup battery), enabling "Hot Starts." * **Flash Memory/ROM:** Stores the firmware and satellite almanac/ephemeris data. --- ### 3. Pinout and Connectivity The REB-A3-R usually features a compact pin header or SMT pads. The most critical pins for integration are: 1. **VCC:** Main power input. 2. **GND:** Common ground. 3. **TX/RX:** Serial communication lines for sending NMEA sentences to the CPU and receiving configuration commands. 4. **1PPS (Pulse Per Second):** A high-precision time pulse used for synchronization in timing applications. 5. **V_BACKUP:** Connection for a coin cell battery or supercapacitor to keep the internal memory alive for faster signal re-acquisition. --- ### 4. Implementation Example To interface the REB-A3-R with a microcontroller (like an Arduino or ESP32), you would use a standard Serial connection. ```cpp // Basic Arduino code structure to read REB-A3-R data #include SoftwareSerial gpsSerial(10, 11); // RX, TX pins void setup() { Serial.begin(9600); // PC Monitor gpsSerial.begin(9600); // REB-A3-R Default Baud Rate } void loop() { if (gpsSerial.available()) { Serial.write(gpsSerial.read()); // Output NMEA strings ($GPRMC, $GPGGA) } } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between a Cold Start and a Hot Start for this module?
    • ⤷ Can the REB-A3-R be used with an external active antenna?
    • ⤷ What is the maximum update rate (Hz) supported by the REB-A3-R?