Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-BB-R

  • AI
    The **REB-BB-R** is a specific breakout board designed for the **REB-series** of GPS/GNSS modules (typically manufactured by companies like RoyalTek). The "BB" stands for **Breakout Board**, and the "R" usually signifies a specific revision or a **Right-angle** connector configuration. Below is a detailed breakdown of its electronic components and functional architecture. --- ## 1. Core Purpose and Interface The primary role of the REB-BB-R is to translate the high-density, small-pitch surface mount pins of a GPS module into a standard header that is accessible for prototyping (Breadboarding) or integration into larger systems. ### Hardware Specifications Table | Feature | Description | | :--- | :--- | | **Compatible Modules** | REB-2112, REB-3310, REB-3571 series | | **I/O Voltage** | Typically 3.3V TTL | | **Power Input** | 3.3V to 5V DC (Depending on onboard regulator) | | **Communication** | UART (TX/RX) | | **Antenna Connector** | MMCX or U.FL (Module dependent) | --- ## 2. Key Electronic Components ### A. Power Regulation Section Most REB-BB-R boards include a small **LDO (Low Dropout Regulator)**. * **Function:** It steps down a 5V input (from USB or an external supply) to the 3.3V required by the GPS chipset. * **Decoupling Capacitors:** Usually 10µF and 0.1µF ceramic capacitors are placed near the VCC pin to filter out high-frequency noise that could interfere with satellite signal acquisition. ### B. Backup Power (Supercapacitor/Battery) * **Component:** A small coin-cell battery or a 0.22F Supercapacitor. * **Purpose:** This powers the **SRAM** and the **RTC (Real-Time Clock)** inside the GPS module when main power is removed. This enables "Hot Starts," allowing the module to re-acquire a satellite lock in seconds rather than minutes. ### C. Status Indicators (LEDs) * **PPS LED:** The "Pulse Per Second" LED. It flashes once per second once a 3D satellite fix is established. * **Power LED:** Indicates that the board is receiving voltage. ### D. Signal Conditioning * **Level Shifters:** Some versions include MOSFETs or logic ICs to allow the 3.3V GPS module to communicate with 5V microcontrollers (like an Arduino Uno). * **Pull-up Resistors:** Usually found on the RX and TX lines to ensure stable logic levels. --- ## 3. Pinout Configuration The REB-BB-R typically breaks out the following pins to a 0.1" (2.54mm) header: 1. **VCC:** Power input. 2. **GND:** Ground. 3. **TX:** Transmit NMEA data to the Microcontroller. 4. **RX:** Receive configuration commands from the Microcontroller. 5. **PPS:** Highly accurate time pulse output. 6. **RESET:** To manually reboot the GPS module. --- ## 4. Usage Considerations * **Antenna Placement:** Since this is a GNSS-related board, the electronic performance is highly dependent on the active antenna connected to the module. * **EMI Shielding:** The board acts as a ground plane to reduce electromagnetic interference, which is critical for the high-frequency L1 band (1575.42 MHz) signals the board processes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Cold Start' and a 'Hot Start' in the context of this board?
    • ⤷ Can the REB-BB-R be connected directly to a 5V Arduino without a level shifter?
    • ⤷ Which specific RoyalTek GPS modules are most commonly used with the REB-BB-R?