Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-C2-R/Q

  • AI
    The **REB-C2-R/Q** is a specific iteration of an industrial-grade **Power Supply/Controller Unit**, commonly associated with **Sankyo** or high-end automation equipment used in semiconductor manufacturing and robotics. These units are designed to manage the power and logic for precise motor control (often AC servo or specialized actuators). --- ### 1. Core Electronic Architecture The internal circuitry is divided into three primary functional blocks: | Functional Block | Key Electronic Components | Purpose | | :--- | :--- | :--- | | **Power Stage** | IGBTs, Bridge Rectifiers, Large Capacitors | Converts AC input to DC bus voltage to drive motors. | | **Control Logic** | Microprocessor (DSP/FPGA), EEPROM | Handles real-time trajectory calculations and PID loops. | | **I/O Interface** | Optocouplers, RS-232/485 Transceivers | Provides galvanic isolation between high-power and logic signals. | --- ### 2. Detailed Component Breakdown #### A. Power Conversion System * **Rectifier Bridge:** Typically a three-phase or single-phase module that converts incoming AC line voltage to a raw DC bus. * **DC Link Capacitors:** Large electrolytic capacitors used for energy storage and smoothing voltage ripples to prevent motor jitter. * **IPM (Intelligent Power Module):** Often integrates **IGBTs** (Insulated Gate Bipolar Transistors) with gate drive circuitry and protection against over-temperature and short circuits. #### B. Feedback & Communication The "R/Q" designation often refers to specific communication protocols or feedback types supported: * **Resolver/Encoder Interface:** Contains high-speed differential line receivers (like the AM26LS32) to process position signals from the motor. * **Safety Relays:** Redundant physical relays used for **E-Stop** (Emergency Stop) integration, ensuring the power stage is physically disconnected during a fault. #### C. Filtering and Protection * **EMI/EMC Filters:** Capacitors and common-mode chokes at the power inlet to reduce electromagnetic interference. * **Varistors (MOVs):** Protects the internal sensitive electronics from high-voltage spikes/surges from the main power grid. --- ### 3. Technical Specifications (Typical) | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | 200V - 230V AC (Standard Industrial) | | **Cooling** | Integrated Heat Sink / Forced Air Fan | | **Mounting** | DIN Rail or Panel Mount | | **Communication** | Serial (RS-232C) or Proprietary Bus | --- ### 4. Meaning of "R/Q" Variants In industrial part numbering for these controllers: * **R:** Often denotes a specific **Revision** or a **Resolver** interface (analog position feedback). * **Q:** frequently signifies **Quick-connect** terminals or a specific **Quadrature** encoder support. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the REB-C2 series?
    • ⤷ How do I troubleshoot an 'Overcurrent' fault on this unit?
    • ⤷ What is the pinout for the RS-232 communication port?