Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-D2-R/Q

  • AI
    The **REB-D2-R/Q** is a high-performance **GPS/GNSS Receiver Module** (often associated with the RoyalTek REB series). It is designed for integration into navigation systems, telematics, and portable consumer electronics. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications The module is built around the **SiRFstarIV** architecture, which is known for its high sensitivity and low power consumption. | Parameter | Specification | | :--- | :--- | | **Chipset** | SiRFstarIV (GSD4e) | | **Frequency** | L1, 1575.42 MHz | | **Channels** | 48 Channels | | **Sensitivity** | -163 dBm (Tracking) / -148 dBm (Cold Start) | | **Accuracy** | < 2.5 meters (Autonomous) | | **Input Voltage** | 3.0V - 3.6V DC | | **Protocol** | NMEA 0183 (v3.0) / SiRF Binary | | **Interface** | UART / I2C / SPI | --- ### 2. Core Electronic Components The internal layout of the REB-D2 series typically includes the following critical parts: #### A. The SoC (System on Chip) The heart of the module is the **GSD4e** (SiRFstarIV). Unlike older chips, this includes an integrated **DSP (Digital Signal Processor)** and a **microprocessor**. It handles all signal correlation, satellite tracking, and position calculations. #### B. TCXO (Temperature Compensated Crystal Oscillator) A high-precision oscillator is used to maintain stable frequency synchronization. This is vital for the "InstantFix" feature, allowing the device to acquire satellites quickly even in challenging environments. #### C. LNA (Low Noise Amplifier) This part amplifies the extremely weak signals received from the GPS antenna. The REB-D2 uses a built-in LNA to filter out noise, which is why it maintains a high sensitivity of -163 dBm. #### D. RTC (Real Time Clock) & Backup Battery Pin The module includes a dedicated RTC circuit. When connected to a small backup battery or supercapacitor (via the V_BCKP pin), it stores ephemeris data, enabling a **Hot Start** (acquisition in < 1 second). --- ### 3. Pinout and Connectivity The module typically uses a multi-pin surface mount (SMD) interface. | Pin Type | Function | | :--- | :--- | | **VCC** | Main power supply (3.3V typical). | | **GND** | Ground reference. | | **TX/RX** | UART serial communication for NMEA data output and commands. | | **RESET** | Hardware reset pin (active low). | | **1PPS** | Time pulse output (1 pulse per second), used for high-precision timing applications. | | **RF_IN** | Input for the GPS antenna (Active or Passive). | --- ### 4. Key Features for Developers * **Micropower Mode:** The module can stay in a "trickle" power state, drawing only a few microamps, while keeping the satellite data fresh in memory. * **Jamming Detection:** It includes active hardware logic to detect and mitigate interference from other electronic devices (like WiFi or Cellular signals nearby). * **WAAS/EGNOS Support:** It supports SBAS (Satellite Based Augmentation Systems) for improved accuracy in North America and Europe. ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption difference between tracking and hibernate modes for this module?
    • ⤷ Can the REB-D2-R/Q be used with a passive antenna
    • ⤷ or is an active antenna required?
    • ⤷ How do I configure the NMEA baud rate for the UART interface?