Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REB-D4-R

  • AI
    The **REB-D4-R** is an electronic component primarily associated with **Rotary Encoders**, specifically those manufactured by companies like **Noble** or used in high-end audio and industrial control equipment. It is designed to convert mechanical rotation into electrical signals. --- ### 1. Technical Specifications The REB-D4-R is a miniature, incremental rotary encoder. Below are the typical technical parameters: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Resolution** | 12 to 24 Pulses Per Revolution (PPR) | | **Output Type** | 2-bit Gray Code (Quadrature) | | **Switch Function** | Integrated Push-Momentary Switch (Optional) | | **Mounting Type** | Through-hole (PCB Mount) | | **Operating Voltage** | 5V DC (Typical) | | **Rotation Angle** | 360° (Continuous) | --- ### 2. Key Internal Components The REB-D4-R consists of several critical electronic and mechanical parts: 1. **Code Disk/Contact Plate:** A rotating plate with conductive and non-conductive segments that creates pulses as it spins. 2. **Brushes/Wipers:** Small metal contacts that rub against the code disk to complete the circuit. 3. **Detent Mechanism:** A spring-loaded ball or clip that provides the "click" feel (tactile feedback) when turning the knob. 4. **Integrated Switch:** A tactile dome switch located at the base, activated by pressing the shaft downward. --- ### 3. Pinout Configuration The device typically features 5 pins (3 for the encoder, 2 for the switch): | Pin Name | Function | Description | | :--- | :--- | :--- | | **A** | Channel A | Primary pulse output | | **C** | Common/Ground | Shared ground for the encoder | | **B** | Channel B | Secondary pulse output (90° phase shift) | | **S1** | Switch Terminal 1 | Input for the push-button | | **S2** | Switch Terminal 2 | Output for the push-button | --- ### 4. Logic Signal Example The encoder uses **Quadrature Encoding**. By comparing the phase of Channel A and Channel B, the system determines the direction of rotation. ```c // Pseudo-code logic for direction detection if (Channel_A_Rising_Edge) { if (Channel_B == LOW) { Direction = Clockwise; } else { Direction = Counter_Clockwise; } } ``` --- ### 5. Common Applications * **Audio Equipment:** Volume control, menu navigation, and frequency tuning. * **Home Appliances:** Timer settings on microwave ovens or washing machines. * **Industrial Controls:** Parameter adjustment on PLCs or digital displays. * **Test Instruments:** Navigating menus on oscilloscopes and multimeters.
    ✨ Follow-up Questions
    • ⤷What is the difference between an incremental and absolute encoder?
    • ⤷ How do I debounce the signal from a REB-D4-R in a circuit?
    • ⤷ Can this encoder be used with an Arduino or ESP32?