Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-33-R

  • AI
    The **REBS-33-R** is a specific electronic component typically categorized as a **Rotary Encoder** or a **Potentiometer-style feedback sensor**, often used in automotive or industrial control panels. It is widely recognized for its robust design and "push-to-switch" functionality. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Detents (Clicks)** | Usually 24 or 30 detents per 360° rotation | | **Switch Integration** | Built-in Push-on Momentary Switch | | **Mounting Type** | Through-hole (PCB Mount) or Panel Mount | | **Output Signal** | 2-bit Quadrature (Gray Code) | | **Operating Voltage** | Typically 5V DC | | **Life Cycle** | 100,000+ rotations/actuations | --- ### 2. Functional Electronic Parts The REBS-33-R consists of several internal and external mechanical/electronic interfaces: #### A. The Encoder Mechanism (A/B Phases) The device uses two output pins (Phase A and Phase B). As the shaft rotates, these pins toggle between high and low states. By reading which phase changes first, a microcontroller determines the **direction** of rotation (Clockwise vs. Counter-Clockwise). #### B. The Integrated Push-Switch A separate set of pins is dedicated to a momentary contact switch. When the shaft is pressed down, it completes a circuit. This is commonly used for "Select" or "Enter" functions in menu navigation. #### C. The Shaft and Bushing - **Shaft:** Usually made of metal or reinforced plastic, designed to hold a knob. - **Bushing:** The threaded part that allows the component to be secured to a chassis or panel. --- ### 3. Pinout Configuration (General) While you should always consult the specific datasheet for your manufacturer, the standard layout for REBS series encoders is: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin A** | Channel A | Primary signal output | | **Pin C** | Common/Ground | The shared ground for the encoder signals | | **Pin B** | Channel B | Secondary signal output | | **SW 1 & 2** | Switch Pins | The two pins for the push-button functionality | --- ### 4. Common Applications * **Automotive:** Volume control knobs, HVAC temperature selectors, or infotainment navigation. * **Consumer Electronics:** Microwave timers, washing machine cycle selectors. * **Audio Gear:** Digital Audio Workstation (DAW) controllers and synthesizers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I wire a pull-up resistor to the REBS-33-R pins?
    • ⤷ Can the REBS-33-R be used with an Arduino?