Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-45-R

  • AI
    The **REBS-45-R** is a specialized high-performance electronic braking system component, typically used in industrial automation, robotics, and heavy-duty motor control. It is a **Regenerative Braking Unit** designed to dissipate or recycle energy generated when a motor decelerates. --- ### 1. Key Technical Specifications The "REBS" series generally refers to **Regenerative Energy Braking Systems**. Below are the typical electronic characteristics associated with the 45-R variant: | Feature | Specification (Typical) | | :--- | :--- | | **Model Type** | Regenerative Braking Unit / Resistor Unit | | **Power Rating** | 45 Watts (Continuous) | | **Resistance Value** | Denoted by "R" (specific Ohmic value depends on sub-variant) | | **Mounting Style** | Chassis or DIN Rail Mount | | **Cooling** | Natural Convection or Aluminum Heat Sink casing | --- ### 2. Main Electronic Components The internal architecture of a unit like the REBS-45-R consists of several critical parts: * **Power Resistor Core:** Usually a wire-wound or ceramic element designed to handle high thermal loads without degrading. * **Encapsulation:** Often housed in an anodized aluminum gold-colored shell (typical for "R" series resistors) to maximize heat dissipation. * **Terminal Blocks:** High-temperature resistant screw terminals for secure connection to the Motor Drive (VFD) DC bus. * **Thermal Fuse (Optional):** Some units include an internal thermal cutout to prevent fire hazards if the braking duty cycle is exceeded. --- ### 3. Functional Purpose When a motor slows down, it acts as a generator. If this energy is not managed, it can cause an **Overvoltage (OV) Trip** in the motor controller. The REBS-45-R performs the following: 1. **Voltage Monitoring:** The unit (or the drive it's attached to) monitors the DC Bus voltage. 2. **Energy Shunting:** When voltage exceeds a threshold, the excess energy is diverted through the REBS-45-R. 3. **Thermal Conversion:** The kinetic energy is converted into heat via the resistor and released into the atmosphere. --- ### 4. Application Areas * **Elevators/Hoists:** Managing energy during the descent phase. * **CNC Machinery:** Rapid stopping of high-speed spindles. * **Conveyor Systems:** Preventing "over-run" when the belt stops under load. --- ### 5. Installation Wiring (Simplified) ```mermaid graph LR A[AC Power] --> B[VFD / Inverter] B --> C[Electric Motor] B -- "DC Bus (+ / -)" --- D[REBS-45-R Resistor] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific Ohmic value required for the REBS-45-R in your application?
    • ⤷ How does the duty cycle affect the heat dissipation of this part?
    • ⤷ Can this unit be used with a 3-phase Variable Frequency Drive (VFD)?