Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-AB-R

  • AI
    The **REBS-AB-R** is a specialized high-performance **Electromagnetic Brake System (REBS)**, typically used in industrial automation, robotics, or heavy-duty machinery. The "AB-R" designation usually refers to an **A**utomatic **B**rake with a **R**ectifier or Release mechanism. Below is an explanation of the electronic components and their functions within this system. --- ## 1. Core Electronic Components The system relies on the conversion of electrical energy into magnetic force to manage mechanical friction. | Component | Description | Function | | :--- | :--- | :--- | | **Electromagnetic Coil** | A high-density copper winding encased in a steel housing. | Generates the magnetic field when energized to pull the armature plate. | | **Power Rectifier** | An AC-to-DC converter (often integrated or DIN-rail mounted). | Converts standard AC shop power into the DC voltage required by the coil. | | **Over-Excitation Controller** | A specialized PCB/module. | Provides a high-voltage "kick" to release the brake quickly, then drops to a lower holding voltage to prevent overheating. | | **Varistor / Surge Protector** | A Metal Oxide Varistor (MOV). | Protects the internal electronics from high-voltage spikes caused by inductive kickback when the brake switches off. | | **Micro-Switch (Optional)** | A physical or inductive sensor. | Provides feedback to the PLC regarding whether the brake is "Engaged" or "Released." | --- ## 2. Electrical Operation Principles ### A. The "Fail-Safe" Logic The REBS-AB-R is typically a **power-off brake**. 1. **Power ON:** The electronic coil is energized, creating a magnetic field that pulls the armature plate away from the friction disc, allowing the motor to rotate. 2. **Power OFF:** The magnetic field collapses. Heavy-duty springs push the armature plate against the friction disc, stopping the load instantly. ### B. Rectification Methods Depending on the specific sub-model, the electronics may use different rectification styles: * **Half-Wave Rectifier:** Output is $0.45 \times V_{AC}$. Used for slower, smoother braking. * **Full-Wave Rectifier:** Output is $0.9 \times V_{AC}$. Used for high-torque, rapid response. --- ## 3. Technical Specifications (Typical) If you are integrating this into a circuit, these are the standard electrical parameters: ```yaml Electrical_Parameters: Input_Voltage: 24VDC, 110VAC, or 230VAC Insulation_Class: Class F (up to 155°C) Duty_Cycle: 100% ED (Continuous operation) Protection_Rating: IP54 or IP65 (depending on housing) Switching_Time: 20ms to 150ms (depending on size) ``` --- ## 4. Maintenance and Troubleshooting | Symptom | Potential Electronic Failure | | :--- | :--- | | **Brake won't release** | Blown rectifier or open-circuit in the electromagnetic coil. | | **Brake overheating** | Lack of voltage reduction (Over-excitation module failure). | | **Delayed engagement** | Residual magnetism or faulty discharge circuit (Varistor failure). |
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage required for your REBS-AB-R unit?
    • ⤷ Do you need a wiring diagram for the rectifier connection?
    • ⤷ Are you experiencing a specific fault like overheating or slow response times?