Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-B5W-R

  • AI
    ## REBS-B5W-R: Technical Overview The **REBS-B5W-R** is a specific electronic component typically identified as a **High-Power, Non-Inductive Wirewound Resistor** or a **Ceramic Encased (Cement) Resistor**. These are widely used in power supplies, motor controllers, and audio equipment due to their ability to dissipate heat and handle high surges. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the **REBS** series, here are the primary electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Power Rating** | 5 Watts | | **Resistance Type** | Wirewound (Non-Inductive) | | **Tolerance** | ±5% (Standard) | | **Casing Material** | Ceramic / Cement Encased | | **Termination Style** | Through-hole (Axial or Radial leads) | | **Feature** | RoHS Compliant (Indicated by the "R" suffix) | --- ### 2. Core Electronic Components The internal construction of the REBS-B5W-R consists of several critical layers: 1. **Resistive Element:** A high-quality alloy wire (often Nickel-Chromium) wound around a ceramic core. The "non-inductive" winding technique reduces parasitic inductance. 2. **Ceramic Core:** Provides the structural base and manages the initial heat absorption from the resistive wire. 3. **Encapsulation:** The entire assembly is housed in a rectangular ceramic (cement) case and filled with a flame-retardant silicone or cement filler. This protects the wire from moisture and oxidation. 4. **Leads:** Tin-plated copper leads designed for secure soldering on a Printed Circuit Board (PCB). --- ### 3. Functional Applications The REBS-B5W-R is designed for high-stress environments. Common use cases include: * **Current Sensing:** Low resistance values allow the component to sense current flow without dropping significant voltage. * **Bleeder Resistors:** Used in power supplies to safely discharge capacitors after the device is turned off. * **Inrush Current Limiting:** Protects sensitive circuits from power spikes during startup. * **Audio Crossovers:** Used in speaker systems to manage signal distribution due to its non-inductive nature, which prevents frequency distortion. --- ### 4. Advantages & Limitations #### **Advantages** * **Heat Dissipation:** The ceramic body is excellent at radiating heat away from the resistive element. * **Flameproof:** The cement casing ensures the component will not catch fire even under extreme overload. * **Stability:** High resistance stability over time and temperature. #### **Limitations** * **Size:** Larger than standard film resistors, requiring more PCB real estate. * **Weight:** Heavier due to the ceramic and cement construction.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value (Ohms) required for your specific application?
    • ⤷ Do you need the derating curve for this resistor to calculate performance at high ambient temperatures?
    • ⤷ Are you looking for a surface-mount equivalent for a more compact circuit design?