Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-C3-R

  • AI
    The **REBS-C3-R** is an electronic component primarily associated with **Rotary Encoders** and automation control systems. Specifically, it is a high-resolution absolute rotary encoder often utilized in robotics, industrial automation, and CNC machinery. Below is a breakdown of its technical and electronic specifications. --- ### 1. General Specifications The REBS series is known for its compact design and high reliability in harsh industrial environments. | Feature | Description | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Output Type** | Serial Communication / Binary Code | | **Resolution** | High (Typically 17-bit to 23-bit depending on sub-model) | | **Input Voltage** | 5V DC ± 5% | | **Current Consumption** | ~100mA (typical) | --- ### 2. Key Electronic Components The internal architecture of the REBS-C3-R consists of several critical electronic stages: * **Optical/Magnetic Sensing Element:** Uses a precision disk and a light source (LED) or Hall-effect sensor to detect angular position. * **Signal Processing ASIC:** An Application-Specific Integrated Circuit that converts raw analog signals from the sensors into digital data. * **Line Driver:** Ensures the output signal is strong enough to travel over long cables without interference (usually RS-485 or similar differential signaling). * **Memory (EEPROM):** Stores calibration data and unique ID information for absolute positioning. --- ### 3. Interface and Connectivity The "C3-R" suffix usually denotes a specific connector or cabling configuration. * **Communication Protocol:** Most REBS models use a proprietary serial protocol (like Nikon or Tamagawa protocols) to provide high-speed position feedback to a Servo Drive. * **Pinout Architecture:** 1. **VCC/GND:** Power supply lines. 2. **Data+ / Data-:** Differential serial data lines for noise immunity. 3. **Shield:** Grounding for Electromagnetic Interference (EMI) protection. --- ### 4. Application Use Cases * **Servo Motors:** Provides real-time feedback on motor shaft position and speed. * **Robotic Arms:** Allows the controller to know the exact "absolute" position of a joint even after a power cycle. * **Medical Equipment:** Used in high-precision imaging tables and laboratory automation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the REBS-C3-R connector?
    • ⤷ How does an absolute encoder differ from an incremental encoder in this model?
    • ⤷ Is the REBS-C3-R compatible with standard Fanuc or Mitsubishi servo drives?