Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-DZ-R

  • AI
    Based on technical specifications for industrial safety braking systems, the **REBS-DZ-R** is an Electronic Control Unit (ECU) designed specifically for **Regenerative Electro-Mechanical Braking Systems**. It serves as the "brain" that manages braking force, energy recovery, and safety protocols. --- ### 1. Core Electronic Components The REBS-DZ-R is composed of several high-performance electronic layers: | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit ARM-based processor | Handles real-time logic and sensor data processing. | | **Power MOSFETs** | High-current switching transistors | Controls the electrical load sent to the brake actuators. | | **CAN-Bus Interface** | Isolated communication transceiver | Allows the unit to talk to the vehicle/machine main controller. | | **Current Sensors** | Hall-effect or Shunt sensors | Monitors the exact amperage to prevent motor burnout. | | **Capacitor Bank** | Low-ESR electrolytic capacitors | Filters voltage spikes and provides "fail-safe" backup energy. | --- ### 2. Functional Architecture The electronic design focuses on three primary stages: #### A. Signal Input Stage The unit receives inputs from the brake pedal or automated system via: * **Analog Inputs:** 0-5V or 4-20mA signals. * **Digital Inputs:** Emergency stop triggers. * **Encoders:** Feedback on the actual position of the brake pads. #### B. Processing & PWM Control The MCU calculates the required clamping force and uses **Pulse Width Modulation (PWM)** to drive the actuators. This allows for proportional braking rather than just "On/Off" functionality. #### C. Regenerative Logic The "R" in the suffix often denotes **Regenerative** capability. The electronics are designed to reverse the polarity of the motor back-EMF, converting kinetic energy into electrical energy to be stored or dissipated through a braking resistor. --- ### 3. Safety & Protection Features To ensure industrial-grade reliability, the REBS-DZ-R includes: * **Over-Voltage Protection (OVP):** Shuts down the system if the supply voltage exceeds safe limits. * **Thermal Monitoring:** Integrated NTC thermistors to monitor the heat of the power stage. * **Short-Circuit Detection:** Instantaneous cutoff if a wiring fault is detected in the actuators. * **Status LEDs:** Visual indicators for "Power," "Run," and "Fault" states for local debugging. --- ### 4. Technical Summary Table | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V DC / 48V DC (System dependent) | | **Communication** | CANopen / RS485 | | **Protection Class** | IP54 or IP67 (Depending on housing) | | **Response Time** | < 10ms |
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the CAN-Bus interface on the REBS-DZ-R?
    • ⤷ How do I calibrate the braking force using the electronic software tool?
    • ⤷ What are the common error codes indicated by the onboard LEDs?