Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-F2-R

  • AI
    The **REBS-F2-R** is an electronic module typically associated with the **REBS (Remote Emergency Braking System)** or specialized industrial control systems, often found in automotive safety, railway, or heavy machinery applications. It functions as a receiver or control relay unit designed to interpret signals for emergency stopping mechanisms. --- ### 1. Key Electronic Components The internal architecture of the REBS-F2-R is built for high reliability and fail-safe operation. | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic processing unit | Decodes wireless/wired signals and executes safety logic. | | **Relay Modules** | Heavy-duty electromechanical switches | Physically opens or closes the braking circuit. | | **RF Receiver** | Radio Frequency module (if wireless) | Captures signals from a remote transmitter (E-Stop). | | **Voltage Regulator** | Power management IC | Converts input voltage (usually 12V/24V DC) to stable logic levels. | | **Status LEDs** | Diagnostic indicators | Provides visual feedback on Power, Signal, and Error states. | --- ### 2. Functional Specification The device acts as the "brain" between a remote trigger and the mechanical brake. * **Signal Input:** Receives a coded signal via a specific frequency band (commonly 433MHz or 868MHz) or a hardwired input. * **Fail-Safe Logic:** If the power to the REBS-F2-R is lost, or the signal is jammed, the system is designed to default to a "Safe" state (usually triggering the brake). * **Response Time:** Engineered for ultra-low latency, typically firing the output relays within milliseconds of signal detection. --- ### 3. Pinout and Connectivity While specific pinouts can vary by manufacturer (such as Teleradio or specialized industrial brands), a standard REBS-F2-R configuration usually includes: 1. **V+ / GND:** Power supply input (Industrial standard DC). 2. **Antenna Port:** For RF signal reception. 3. **COM / NO / NC:** Relay contacts (Common, Normally Open, Normally Closed) to interface with the vehicle's braking solenoid or motor. 4. **Sync/Pairing Button:** For syncing the receiver with a specific remote control. --- ### 4. Technical Maintenance * **Housing:** Usually IP65/67 rated to protect the electronics from dust and moisture. * **Vibration Resistance:** The internal PCB is often coated (conformal coating) to prevent component failure due to the heavy vibrations found in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the REBS-F2-R?
    • ⤷ How do you pair a new transmitter with this receiver module?
    • ⤷ Does the REBS-F2-R support CAN-bus communication for system diagnostics?