Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REBS-FA-R

  • AI
    The **REBS-FA-R** typically refers to a specialized component within the **Remote Explosive Breaking System (REBS)**, often integrated with the **FA (Firing Adapter)** or **R (Receiver)** units. These systems are used by military and EOD (Explosive Ordnance Disposal) teams for secure, wireless initiation of charges. Below is an explanation of the electronic architecture and key components of this system. --- ## 1. Core Electronic Architecture The system is designed for high reliability and security to prevent accidental discharge from Radio Frequency (RF) interference. ### Key Electronic Modules | Component | Function | Technical Description | | :--- | :--- | :--- | | **RF Transceiver** | Communication | Operates on encrypted narrow-band frequencies to receive firing commands. | | **Microcontroller (MCU)** | Logic Control | Processes safety protocols, arming sequences, and self-diagnostic checks. | | **Capacitor Bank** | Energy Storage | Stores the high-voltage electrical charge required to trigger a detonator. | | **Safety Interlock** | Accident Prevention | Physical and digital "gates" that must be toggled before the firing circuit closes. | --- ## 2. Detailed Component Breakdown ### A. Power Management System * **Battery Source:** Usually powered by high-density Lithium or alkaline cells designed for extreme temperature stability. * **Voltage Step-up (DC-DC Converter):** Converts low battery voltage (e.g., 9V) to a high-voltage pulse (often 300V+) necessary for Bridge Wire or Non-el initiation. ### B. Security & Signal Processing * **AES Encryption:** The electronic pulse is only triggered if the digital "handshake" between the transmitter and the REBS-FA-R receiver matches exactly. * **Frequency Hopping:** Many versions utilize Spread Spectrum technology to avoid jamming or interference from local radio signals. ### C. The Firing Circuit (The "FA" Interface) The **Firing Adapter** electronics include: 1. **Switching Thyristors/SCRs:** Solid-state switches that release the stored energy into the output terminals. 2. **Continuity Tester:** A low-current circuit that checks if the connected detonator is properly wired without triggering it. --- ## 3. Operational Logic (State Machine) The electronics follow a strict sequential logic to ensure safety: ```mermaid graph LR A[Power On/Self Test] --> B[Wait for Secure Link] B --> C[Arming Signal Received] C --> D[Charge Capacitor Bank] D --> E[Fire Command Validated] E --> F[Pulse Discharge] ``` --- ## 4. Technical Specifications Summary * **Operating Frequency:** Typically 300-450 MHz (region dependent). * **Encoding:** Digital pulse code modulation. * **Safety Features:** Shunted output terminals, two-stage arming, and "Dead-man" timeout features. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum effective range of the REBS-FA-R signal?
    • ⤷ How does the electronic continuity check prevent accidental detonation?
    • ⤷ What are the specific battery requirements for the REBS-FA-R unit?