Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REF01CS

  • AI
    ## REF01CS: High-Precision Voltage Reference The **REF01CS** is a precision voltage reference integrated circuit (IC) that provides a stable +10.0V output. It is widely used in applications requiring high accuracy and low drift, such as data converters and medical instrumentation. --- ### 1. Key Technical Specifications The "CS" suffix typically refers to the commercial temperature range and the package type (often SOIC-8). Below are the primary technical parameters: | Parameter | Value / Specification | | :--- | :--- | | **Output Voltage** | +10.0 V | | **Input Voltage Range** | 12.0 V to 40.0 V | | **Temperature Drift** | 8.5 ppm/°C (typical) | | **Output Adjustment Range** | ±3% (using an external potentiometer) | | **Quiescent Current** | 1.4 mA (max) | | **Load Regulation** | 0.01% / mA | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | --- ### 2. Internal Block Diagram & Functionality The REF01 series utilizes a **bandgap reference** circuit architecture. Its internal components include: 1. **Stable Reference Core:** A bandgap cell that produces a temperature-compensated voltage. 2. **Output Buffer:** A high-gain operational amplifier configured to scale the internal reference to a precise 10V. 3. **Trim Circuitry:** Internal resistors that are factory-trimmed for high initial accuracy. 4. **Short-Circuit Protection:** Protects the device if the output is accidentally grounded. --- ### 3. Pin Configuration (SOIC-8 / PDIP-8) Most REF01CS units follow a standard 8-pin layout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | $V_{IN}$ | Positive Supply Voltage Input | | 3 | TEMP | Temperature sensor output (voltage proportional to temp) | | 4 | GND | Ground | | 5 | TRIM | Used for fine-tuning the 10V output | | 6 | $V_{OUT}$ | +10.0V Reference Output | | 7 | NC | No Internal Connection | | 8 | NC | No Internal Connection | --- ### 4. Typical Application Circuit To use the REF01CS, a simple configuration involves decoupling capacitors to ensure stability and reduce noise. ```spice * Basic Connection Diagram Vin (Pin 2) ----+----[ 12V to 40V DC ] | [Cap 0.1uF] | GND (Pin 4) ----+----[ System Ground ] Vout (Pin 6) ---+----[ 10.00V Output ] | [Cap 1uF to 10uF] | GND ------------+ ``` --- ### 5. Common Use Cases * **A/D and D/A Converters:** Providing the "standard" voltage against which analog signals are measured. * **Precision Current Sources:** When combined with an external Op-Amp. * **Digital Voltmeters:** Acting as the calibration benchmark. * **Portable Instrumentation:** Due to its low power consumption and high stability.
    ✨ Follow-up Questions
    • ⤷What is the difference between REF01 and REF02?
    • ⤷ How do I use the TRIM pin to calibrate the output?
    • ⤷ What are the advantages of a bandgap reference over a Zener diode?