Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REF01CSZ

  • AI
    ## Overview of the REF01CSZ The **REF01CSZ** is a precision **+10V voltage reference** integrated circuit. It is widely used in electronic design because it provides a highly stable, constant output voltage regardless of changes in temperature, time, or input voltage fluctuations. It belongs to the "REF01" family, originally designed by Precision Monolithics (now part of Analog Devices). --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Output Voltage ($V_{out}$)** | +10.0 V | | **Input Voltage Range ($V_{in}$)** | 12.0 V to 40.0 V | | **Output Adjustment Range** | ±3% (using external trim) | | **Temperature Coefficient** | 8.5 ppm/°C (typical) | | **Output Current** | 10 mA (maximum) | | **Package Type** | 8-Lead SOIC (indicated by the 'Z' suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Pin Configuration The REF01CSZ typically comes in an 8-pin SOIC package. Below is the functional breakdown of the pins: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 7, 8 | N.C. | No Internal Connection. | | 2 | $V_{in}$ | Positive Supply Voltage Input. | | 4 | GND | Ground. | | 5 | TRIM | Used to adjust the +10V output (optional). | | 6 | $V_{out}$ | Precision 10V Output. | --- ### 3. Core Electronic Features #### A. Bandgap Reference Cell Internally, the chip uses a **Bandgap Reference** circuit. This combines two voltages with opposite temperature coefficients (Proportional To Absolute Temperature vs. Complementary To Absolute Temperature) to create a net zero-temperature-drift reference. #### B. High Input Voltage Rejection The REF01CSZ has excellent line regulation. Even if the input voltage ($V_{in}$) fluctuates between 12V and 40V, the 10V output remains extremely steady, making it ideal for systems with noisy or unstable power supplies. #### C. Short-Circuit Protection The device includes internal circuitry to protect itself if the output is accidentally shorted to ground, preventing the chip from burning out. #### D. Low Power Consumption The quiescent current (the current the chip uses just to stay on) is very low, typically around **1mA**, which is beneficial for energy-efficient designs. --- ### 4. Common Applications * **Precision Data Converters:** Acts as the reference for 12-bit or 16-bit ADCs (Analog-to-Digital Converters). * **Calibration Standards:** Used in handheld instruments to provide a known 10V standard. * **Voltage Regulators:** Can be used to provide a stable reference for high-current linear power supplies. * **Digital Voltmeters:** Used to ensure measurement accuracy. --- ### 5. Implementation Example (Basic Circuit) To use the REF01CSZ, you generally only need a couple of decoupling capacitors to ensure stability: ```text [Vin: 12V-40V] ----+----(Pin 2: Vin) | [0.1uF Capacitor] | [GND] -------------+----(Pin 4: GND) | [1.0uF Capacitor] | [Output: 10V] <----+----(Pin 6: Vout) ```
    ✨ Follow-up Questions
    • How do you use the TRIM pin to adjust the output voltage precisely?
    • What is the difference between the REF01CSZ and the REF01CPZ?
    • What are the recommended decoupling capacitor types for this IC?