Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • REF02CS

  • AI
    The **REF02CS** is a precision voltage reference integrated circuit (IC) widely used in analog-to-digital conversion, medical instrumentation, and power supply design. It is manufactured by Analog Devices and belongs to the industry-standard REF02 family. ### 1. Key Technical Specifications The REF02CS is known for its stability and low noise. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | $+5.0\text{V}$ (Fixed) | | **Input Voltage Range** | $7.0\text{V}$ to $40\text{V}$ | | **Output Voltage Tolerance** | $\pm 0.3\%$ (Max) | | **Temperature Coefficient** | $8.5 \text{ ppm}/^\circ\text{C}$ (Standard) | | **Operating Temperature Range** | $-40^\circ\text{C}$ to $+85^\circ\text{C}$ | | **Supply Current** | $1.4\text{mA}$ (Typical) | | **Package Type** | 8-Lead SOIC (Small Outline IC) | --- ### 2. Functional Pins and Internal Layout The REF02CS typically follows an 8-pin configuration. The most important pins include: * **Pin 2 ($V_{IN}$):** Input voltage supply. * **Pin 4 (GND):** Ground connection. * **Pin 6 ($V_{OUT}$):** The regulated $+5.0\text{V}$ output. * **Pin 5 (TRIM):** Allows for fine-tuning the output voltage if a specific accuracy is required (usually via a potentiometer). * **Pin 3 (TEMP):** A unique feature that provides a voltage output proportional to the ambient temperature ($2.1\text{mV}/^\circ\text{C}$), allowing the IC to act as a basic temperature sensor. --- ### 3. Key Features The REF02CS is distinguished by several operational characteristics: * **Low Noise:** It provides a very clean DC output, which is critical for high-resolution ADC/DAC applications (up to 12 or 14 bits). * **High Input Range:** Unlike many modern low-voltage references, it can accept input voltages up to $40\text{V}$, making it versatile for industrial power rails. * **Short-Circuit Protection:** The output is protected against accidental shorts to ground or the supply rail. * **Trim Capability:** The output voltage can be adjusted by approximately $\pm 3\%$ without affecting the temperature coefficient significantly. --- ### 4. Typical Application Circuit When using the REF02CS, it is common practice to use decoupling capacitors to ensure stability. ```python # Conceptual Wiring Diagram # [V_IN] ----> (Pin 2) REF02CS (Pin 6) ----> [V_OUT 5V] # | | # [Cap] [Cap] # | | # (GND) (GND) ``` 1. **Input Capacitor:** A $0.1\mu\text{F}$ ceramic capacitor is recommended at the input to filter high-frequency noise. 2. **Output Capacitor:** While stable without a load capacitor, a small capacitor can improve transient response. --- ### 5. Common Use Cases * **Precision ADCs/DACs:** Acting as the "yardstick" for measuring analog signals. * **Digital Voltmeters:** Providing a stable internal reference for measurement accuracy. * **Industrial Controls:** Used in 4-20mA loop transmitters. * **Temperature Monitoring:** Utilizing the TEMP pin for thermal management in compact circuits.
    ✨ Follow-up Questions
    • ⤷ How do I use the TRIM pin to adjust the output voltage specifically?
    • ⤷ What are the main differences between the REF02CS and the REF02AZ models?
    • ⤷ Can the REF02CS be used in a negative voltage reference configuration?