Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RET-R

  • AI
    In electronics, **RET-R** usually refers to a specific type of resistor configuration found in **Resistor-Equipped Transistors** (also known as Digital Transistors). These components integrate a standard bipolar junction transistor (BJT) with one or two internal resistors to simplify circuit design. --- ### 1. What is an RET? A Resistor-Equipped Transistor (RET) combines a switching transistor with a series base resistor ($R1$) and often a base-emitter bias resistor ($R2$) in a single small package. ### 2. The Role of "R" (Resistors) in RETs The "R" values determine the switching characteristics and input sensitivity of the transistor. | Component | Function | Benefit | | :--- | :--- | :--- | | **R1 (Series Resistor)** | Limits the base current from the input source. | Protects the transistor and allows direct connection to logic gates. | | **R2 (Bias Resistor)** | Connects the base to the emitter. | Prevents the transistor from turning on due to leakage current or noise. | ### 3. Key Specifications for RET-R When looking at datasheets for these parts, the "R" values are categorized by their ratio ($R1/R2$). Common configurations include: * **1:1 Ratio:** e.g., $10k\Omega / 10k\Omega$ (General purpose switching) * **1:10 Ratio:** e.g., $2.2k\Omega / 22k\Omega$ (High sensitivity) * **R1 only:** No $R2$ resistor present (Simple current limiting) ### 4. Advantages of using RETs Using a part where the resistors are integrated provides several engineering benefits: 1. **Space Saving:** Reduces the Component Count (BOM) on a PCB. 2. **Cost Reduction:** Fewer parts to pick and place during manufacturing. 3. **Reliability:** Fewer solder joints reduce the risk of mechanical failure. --- ### Example Internal Circuit ```text (Collector) | | / In ---[R1]---| (Base) | \ [R2] > (Emitter) | | (GND)---(GND) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the input voltage threshold for an RET?
    • ⤷ What are the most common part numbers for NPN RETs?
    • ⤷ Can an RET be used in analog amplification or only digital switching?