Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RF-5800-RU

  • AI
    The **RF-5800-RU** (Remote Unit) is a specialized peripheral component belonging to the Harris (now L3Harris) Falcon II series of tactical radio systems. Its primary function is to allow operators to control a base-stationed or vehicle-mounted radio (like the RF-5800H or RF-5800V) from a distance of up to 3.5 kilometers via standard field wire. Below is an explanation of the core electronic parts and functional blocks of the unit. --- ### 1. Core Electronic Components The RF-5800-RU is designed for ruggedness and high-fidelity signal transmission over long-distance copper lines. | Component Group | Key Parts / Technologies | Function | |:---|:---|:---| | **Digital Processor** | Microcontroller / DSP | Manages the user interface, LCD display, and serial data encoding for remote control. | | **Modem Interface** | FSK or HDSL Line Drivers | Converts digital control data into analog signals suitable for transmission over field wire (WD-1/TT). | | **Audio Processing** | Operational Amplifiers & Codecs | Handles voice signal amplification and noise cancellation for the handset interface. | | **Power Management** | DC-DC Converters | Regulates power input (usually 12V or 24V DC) to internal logic levels (3.3V/5V). | | **Human-Machine Interface** | Keypad & Backlit LCD | Allows the user to change frequencies, modes, and encryption settings remotely. | --- ### 2. Functional Architecture The internal electronics are divided into three main functional stages: #### A. Data Link Layer (Long-Line Interface) Since the unit operates at distances up to 3.5km, it utilizes a robust line driver. It uses a **balanced differential signal** to minimize electromagnetic interference (EMI) and signal attenuation over the twisted pair field wire. #### B. User Interface & Control The front panel consists of: * **Keypad Matrix:** Silicon-domed buttons for tactile feedback in harsh environments. * **LCD Module:** A monochrome, night-vision-goggle (NVG) compatible display that mirrors the main radio's screen. * **Status LEDs:** Indicators for "Fill," "Power," and "Alarm." #### C. Audio & I/O Ports * **6-Pin Audio Connector:** Standard U-229/U type connector for H-250 handsets or tactical headsets. * **Serial Data Port:** Used for programming or connecting a ruggedized laptop/PDA for data transmissions. --- ### 3. Technical Specifications | Feature | Specification | |:---|:---| | **Input Voltage** | 10.5 to 32 VDC | | **Communication Protocol** | Proprietary Harris Serial over Two-Wire | | **Max Distance** | 3.5 km (2.1 miles) | | **Environmental Rating** | MIL-STD-810 (Immersion, Shock, Vibration) | | **Operating Temp** | -40°C to +70°C | --- ### 4. Connectivity Diagram (Simplified) ```mermaid graph LR A[Handset] --- B(RF-5800-RU Remote Unit) B --- C{Field Wire / WD-1} C --- D(RF-5800H/V Main Radio) D --- E[Antenna] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinouts for the RF-5800-RU field wire connection?
    • ⤷ How does the unit handle encryption keys (COMSEC) during remote operation?
    • ⤷ Can the RF-5800-RU be used to bridge two different radio networks?