Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RG2-408S-R15

  • AI
    The **RG2-408S-R15** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically categorized as a Point-of-Load (PoL) regulator. These modules are used to convert a higher input voltage into a regulated lower output voltage with high efficiency. --- ### ## Technical Specifications The following table outlines the primary electronic characteristics of the RG2-408S-R15: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage** | 0.8V to 5.0V (Adjustable) | | **Output Current** | 8 Amperes (Max) | | **Efficiency** | Up to 94% | | **Switching Frequency** | ~600 kHz | | **Package Type** | SIP (Single In-line Package) or SMT | --- ### ### Key Electronic Features 1. **Synchronous Rectification**: Unlike standard buck converters that use a diode, this part uses internal MOSFETs for rectification. This significantly reduces power loss and heat generation. 2. **Remote Sense & Control**: * **Remote On/Off**: Allows the system to enable or disable the power rail via a logic signal. * **Voltage Margining**: Enables precise adjustment of the output voltage to compensate for voltage drops across long PCB traces. 3. **Protection Circuitry**: * **OCP (Over-Current Protection)**: Protects the module and the load from short circuits. * **OTP (Over-Temperature Protection)**: Shuts down the device if internal temperatures exceed safe operating limits. * **UVLO (Under-Voltage Lockout)**: Ensures the module only operates when the input voltage is high enough to maintain stability. 4. **Soft-Start**: Includes an internal timer that ramps up the output voltage gradually to prevent large inrush currents that could damage the power source. --- ### ### Connection Pinout (Typical) Below is a representation of the standard pin configuration for this series: ```text Pin 1: Vout (Output Voltage) Pin 2: Vout (Output Voltage) Pin 3: Remote Sense (+) Pin 4: Vout (Output Voltage) Pin 5: GND (Common Ground) Pin 6: GND (Common Ground) Pin 7: Vin (Input Voltage) Pin 8: Vin (Input Voltage) Pin 9: Trim (Voltage Adjustment) Pin 10: Remote ON/OFF ``` --- ### ### Typical Applications * **Telecommunications**: Powering ASICs and FPGAs on line cards. * **Data Computing**: Distributed power architectures in servers. * **Industrial**: High-efficiency regulation for automated control systems.
    ✨ Follow-up Questions
    • ⤷What is the specific resistor formula used to calculate the Trim pin voltage for the RG2-408S-R15?
    • ⤷ Can this module be used in parallel to increase the total output current?
    • ⤷ What are the recommended input and output capacitor values for ripple reduction?