Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RG3-210S-R15

  • AI
    The **RG3-210S-R15** is a high-precision, electromagnetic planetary gear motor assembly, often utilized in robotics, medical devices, and high-end automation. This specific model belongs to a class of compact actuators designed for high torque density and reliability. ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the RG3-210S-R15: | Feature | Specification | | :--- | :--- | | **Motor Type** | Coreless DC Motor / Brushless (variant dependent) | | **Gear Ratio** | 1:15 (indicated by the R15 suffix) | | **Input Voltage** | Typically 12V or 24V DC | | **Gearbox Type** | Planetary Gearhead | | **Shaft Diameter** | Standard 3mm to 4mm (depending on mounting) | | **Backlash** | Low-backlash design (often < 1°) | --- ### 2. Core Electronic & Mechanical Components #### A. Internal Motor Drive The "heart" of this unit is usually a high-performance motor. * **Winding Design:** Often utilizes a coreless winding to eliminate "cogging" (the jerky motion felt in standard motors), allowing for extremely smooth rotation at low speeds. * **Commutation:** Uses precious metal brushes or high-grade carbon brushes to ensure low electrical noise and long service life. #### B. The Planetary Gear System (The "R15" Part) The "R15" signifies a **15:1 reduction ratio**. * **Function:** It converts high-speed, low-torque rotation from the motor into low-speed, high-torque output. * **Construction:** Consists of a sun gear, planet gears, and a ring gear. This configuration distributes the load over multiple gear teeth, making it more durable than standard spur gears. #### C. Feedback Sensors (Optional/Integrated) Depending on the specific revision, these units often include: * **Optical or Magnetic Encoders:** Used to track the position and speed of the shaft. * **Terminals:** Usually gold-plated or high-conductivity alloy to prevent oxidation and ensure stable power delivery. --- ### 3. Typical Applications Due to its precision and "R15" torque multiplication, this part is found in: 1. **Medical Pumps:** Precise fluid delivery requiring consistent torque. 2. **Pan-Tilt Cameras:** Smooth movement without jitter. 3. **Robotic Grippers:** High force in a small form factor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous torque rating for the R15 gearhead?
    • ⤷ How do I calculate the output RPM based on the input voltage?
    • ⤷ Are there waterproof versions of the RG3 series motors?