Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RGC2..25

  • AI
    The **RGC2..25** refers to a specific series of **3-phase Solid State Contactors** manufactured by **Carlo Gavazzi**. These devices are designed to replace traditional mechanical contactors for switching electrical loads, offering higher reliability and faster switching speeds. --- ## 1. Core Specifications (RGC2..25) The "25" in the model name typically indicates the rated operational current. | Component Feature | Specification Details | | :--- | :--- | | **Phase Type** | 3-Phase (switches 2 poles or 3 poles depending on model) | | **Rated Current** | 25 Amperes AC (per phase @ 40°C) | | **Operational Voltage** | Up to 600V AC | | **Control Voltage** | 5-32V DC or 20-275V AC / 24-190V DC | | **Switching Mode** | Zero Cross (Standard for resistive loads) | --- ## 2. Key Internal Electronic Parts The RGC2 series is built using high-performance semiconductor components rather than moving mechanical parts. ### A. Power Semiconductors (Thyristors/SCRs) The heart of the device consists of **SCRs (Silicon Controlled Rectifiers)**. - **Function:** These act as the high-speed switches. In a 3-phase RGC2, there are typically two or three pairs of back-to-back SCRs. - **Advantage:** Unlike mechanical contacts, they do not arc or wear out over time. ### B. Control Circuitry (Opto-Isolators) To protect the sensitive PLC or controller providing the input signal: - **Function:** The input is galvanically isolated from the high-voltage output using **optocouplers**. This converts the electrical signal to light and back to an electrical signal, preventing high-voltage spikes from traveling back to the controller. ### C. Zero-Cross Detection Circuit - **Function:** This circuit ensures the SCR only turns on when the AC sine wave crosses the zero-voltage point. - **Benefit:** This minimizes **Electromagnetic Interference (EMI)** and reduces stress on the load. ### D. Integrated Heat Sink - While technically mechanical, the electronics are mounted directly onto a **high-efficiency aluminum heat sink**. - The RGC series features "Slimline" designs where the thermal management is integrated into the width of the device to save space in the electrical cabinet. ### E. Protection Components (Varistors/TVs) - Internal **Varistors (MOVs)** are often included to protect the internal SCRs from overvoltage transients (voltage spikes) on the mains line. --- ## 3. Terminal Layout and Wiring | Terminal Label | Function | Description | | :--- | :--- | :--- | | **L1, L2, L3** | Line Input | Connection to the 3-phase power supply. | | **T1, T2, T3** | Load Output | Connection to the motor or heater. | | **A1 (+), A2 (-)** | Control Input | The trigger signal from the PLC or Thermostat. | --- ## 4. Summary of Benefits 1. **Long Life:** Rated for millions of cycles because there are no moving parts. 2. **Silent Operation:** No "clunking" sound when switching. 3. **High Speed:** Can cycle on/off much faster than a mechanical contactor, allowing for precise temperature control (PID).
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2-pole and 3-pole switching in the RGC2 series?
    • ⤷ Does the RGC2..25 require external fuses for short-circuit protection?
    • ⤷ Can this device be used for inductive motor loads or only resistive heaters?