Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RGC3A22..10

  • AI
    The **RGC3A22..10** series refers to a specific family of **3-pole Solid State Contactors (SSCs)** manufactured by Carlo Gavazzi. These devices are designed to switch three-phase AC loads (like motors or heaters) using electronic components rather than mechanical contacts. --- ## 1. Technical Specifications Overview The "22..10" part of the model number typically denotes the voltage rating and the current capacity per pole. | Feature | Specification Details | | :--- | :--- | | **Number of Poles** | 3-Pole (Switching all three phases) | | **Switching Type** | Zero Cross (Turns on when voltage is near 0V to reduce EMI) | | **Rated Operational Voltage** | Up to 230VAC or 600VAC (Depending on specific suffix) | | **Rated Current** | 10 Amps AC per pole (@ 40°C) | | **Control Voltage** | Usually 5-32VDC or 20-275VAC/24-190VDC | | **Housing Width** | Slim design (approx. 54mm) | --- ## 2. Key Internal Electronic Components Unlike a traditional electromagnetic contactor, the RGC3A relies on power semiconductors. ### A. Power Thyristors (SCRs) The heart of the device consists of **Back-to-Back Thyristors (SCRs)**. * **Function:** These act as the electronic "switches." * **Benefit:** Since there are no moving parts, there is no arcing, contact pitting, or mechanical wear, leading to a significantly longer lifespan (millions of cycles). ### B. Opto-Isolator (Isolation Barrier) To protect the low-voltage control circuit (e.g., a PLC) from the high-voltage mains: * An internal **Opto-coupler** uses light to transfer the "ON" signal across an air gap inside the chip. * This ensures that a surge on the 480V line does not travel back and destroy the controller. ### C. Zero-Cross Detection Circuit This electronic sub-circuit monitors the AC sine wave. * It ensures the SCRs only begin conducting when the voltage crosses the **zero-point**. * This prevents massive inrush currents and reduces Electrical Magnetic Interference (EMI). ### D. Transient Overvoltage Protection The device includes internal **Varistors (MOVs)** or specialized snubber circuits. * These protect the internal SCRs from voltage spikes caused by lightning or switching other heavy inductive loads on the same grid. --- ## 3. Advantages of the RGC3A Series 1. **Integrated Heatsink:** The "RGC" designation indicates the heatsink is built-in, making it "ready to use" out of the box. 2. **High Cycling Frequency:** Can turn on/off hundreds of times per minute, which would destroy a mechanical contactor. 3. **Silent Operation:** No "clack" sound when switching. 4. **Compact DIN-rail Mounting:** Saves cabinet space compared to traditional 3-pole SSRs that require external heatsinks. --- ## 4. Wiring Diagram Representation Typically, the wiring follows this logic: ```text Control Side: Terminal A1 (+): Positive Control Signal Terminal A2 (-): Negative/Common Load Side: L1, L2, L3: Incoming 3-Phase Power T1, T2, T3: Outgoing Power to Load (Motor/Heater) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero Cross and Instant On switching for this model?
    • ⤷ How do I calculate the heat dissipation for a 10A load in a control cabinet?
    • ⤷ Can the RGC3A series be used for motor reversing applications?