Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RHP-50B-R02FYR

  • AI
    The **RHP-50B-R02FYR** is a high-precision rotary encoder (often associated with the Nikon or Tamagawa Seiki style naming conventions) typically used in industrial automation, robotics, and CNC machinery. Below is a breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Resolution** | 17-bit to 20-bit (Typical for RHP series) | | **Input Voltage** | +5V DC ±5% | | **Output Interface** | Serial Data (RS-485 / BiSS / Nikon Protocol) | | **Physical Interface** | Through-hole / Hollow Shaft | | **Rotational Speed** | Up to 6,000 RPM | | **Operating Temp** | -20°C to +85°C | --- ### 2. Key Electronic Components The device consists of several critical electronic subsystems that allow it to convert mechanical rotation into digital data: #### A. Optical/Magnetic Sensing Element * **The Disk:** A high-precision glass or metal disk with etched patterns. * **LED Emitter:** A high-reliability infrared light source that shines through the disk. * **Photodetector Array:** A custom ASIC (Application Specific Integrated Circuit) that receives light pulses and converts them into analog electrical signals. #### B. Signal Processing Electronics * **Interpolation Circuit:** Since the physical lines on a disk are limited, the internal electronics use interpolation to achieve high resolutions (like 17-bit, which is 131,072 pulses per revolution). * **Microprocessor/FPGA:** A small logic unit handles the calculation of the absolute position and manages the communication protocol. #### C. Communication Interface * **RS-485 Transceiver:** Because these encoders are used in noisy industrial environments, they use differential signaling (RS-485) to ensure data integrity over long cables. * **EEPROM:** Stores calibration data, serial numbers, and error logs. --- ### 3. Connection Pinout (Typical) While specific colors may vary by manufacturer, the electronic interface usually follows this logic: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | +5V Power Supply | | **Black** | GND | 0V Ground | | **Blue/Green** | SD / SD- | Serial Data Differential Pair | | **Shield** | FG | Frame Ground (EMI Protection) | --- ### 4. Application Context The **RHP-50B** series is frequently used as a feedback device for **AC Servo Motors**. The "Absolute" nature of the electronics means the encoder remembers its position even after a power loss, provided a battery backup or non-volatile memory system is integrated into the drive logic.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution of the R02FYR variant?
    • ⤷ Which communication protocol does this encoder use for data transmission?
    • ⤷ How do I troubleshoot a 'Serial Data Error' on this specific model?