Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RIF-2-RSC-LDP-24DC

  • AI
    The **RIF-2-RSC-LDP-24DC** is a pre-assembled relay module manufactured by Phoenix Contact, part of the RIFLINE Complete modular system. It is designed for industrial automation to switch loads and isolate control circuits. --- ## 1. Technical Specifications The part number itself identifies the key characteristics of the device. | Component | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | The nominal control voltage required to activate the coil. | | **Contact Type** | 2 PDT (DPDT) | Two Changeover (Power Double Throw) contacts. | | **Connection Method** | Screw Connection | Uses "RSC" (Relay Socket Screw) technology. | | **Current Rating** | 10 A (per contact) | Maximum continuous current at the output. | | **Indication** | Yellow LED | Visual status indicator for the coil excitation. | | **Protection** | Damping Diode | Integrated polarity protection and surge suppression. | --- ## 2. Key Electronic Components This module is a "complete" unit consisting of several integrated parts: ### A. The Relay (REL-IR2/LDP-24DC/2X21) The core switching element. It uses an electromagnetic coil to mechanically move the internal contacts. * **Plug-in design:** The relay can be replaced without disconnecting the wiring. * **Mechanical Indicator:** Usually features a flag to show if the relay is active even if power is lost. * **Manual Override:** Includes a lockable test button for commissioning. ### B. The Base/Socket (RIF-2-BSC/4X21) The structural housing that provides electrical connectivity. * **Bridgeable:** Supports plug-in bridges to distribute potential (A1, A2) across multiple modules easily. * **Snap-on:** Mounts directly to standard NS 35/7,5 DIN rails. ### C. Protection & Suppression (LDP) The "LDP" designation stands for **LED and Damping Diode (Polarity Protection)**. * **Flyback Diode:** When the DC coil is de-energized, it prevents high-voltage spikes from damaging the PLC or controller. * **Reverse Polarity Protection:** Ensures the module is not damaged if the 24V DC wires are swapped. --- ## 3. Circuit Interface The terminal numbering follows international standards: * **A1 (+)**: 24V DC Control signal positive. * **A2 (-)**: 24V DC Control signal negative/common. * **11, 21**: Common poles for the two sets of contacts. * **12, 22**: NC (Normally Closed) contacts. * **14, 24**: NO (Normally Open) contacts. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between RSC (Screw) and RPT (Push-in) connections in this series?
    • ⤷ What are the maximum switching voltage limits for the AC side of this relay?
    • ⤷ How do I install a plug-in bridge to jump the A2 terminals of multiple units?