Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RIF-RHM-1

  • AI
    The **RIF-RHM-1** (often associated with the Phoenix Contact RIFLINE complete series) is a specialized electronic relay module designed for high-power switching and robust isolation. Below is a breakdown of its electronic components and functional specifications. --- ### 1. Key Electronic Components | Component | Function | | :--- | :--- | | **Relay Coil** | The electromagnetic actuator that creates a magnetic field to move the internal contacts. | | **Contacts (AgNi)** | Silver Nickel contacts designed for high switching currents and welding resistance. | | **Free-wheeling Diode** | (In DC models) Protects the driving circuit from inductive voltage spikes (back EMF) when the relay switches off. | | **LED Indicator** | A visual status indicator (usually green) to signify when the coil is energized. | | **Varistor/RC Element** | Used in AC versions to suppress surges and electromagnetic interference (EMI). | --- ### 2. Technical Specifications The "RHM" designation typically refers to the **High-Power** or **Hermetically Sealed** variants within the RIFLINE system, often used in railway or industrial environments with high vibration. * **Switching Capacity:** Capable of handling high inrush currents (often up to 16A per contact depending on the specific sub-model). * **Galvanic Isolation:** High dielectric strength between the input (coil) and output (contacts), protecting low-voltage control circuits from high-voltage loads. * **Contact Type:** Usually 1 or 2 PDT (Potentiometric Double Throw) contacts. --- ### 3. Connection & Wiring Logic The module uses a base-and-plug system. The electronic logic follows standard industrial relay patterns: ```mermaid graph LR A[Input Signal 24V DC/AC] --> B[Protection Circuit/LED] B --> C[Relay Coil] C --> D{Magnetic Field} D --> E[Mechanical Contacts] E --> F[Load Circuit 230V/16A] ``` ### 4. Distinctive Features 1. **Modular Base:** The electronic relay sits in a socket (RIF-1-BPT) which allows for tool-free replacement. 2. **Ejector Lever:** A mechanical component that also acts as a retaining clip for the electronic relay unit. 3. **Plug-in Bridges:** Allows for the electronic distribution of potentials (common ground or power) across multiple modules without manual wiring. ---
    ✨ Follow-up Questions
    • ⤷What are the specific voltage ratings available for the RIF-RHM-1 coil?
    • ⤷ How does the AgNi contact material compare to gold-plated contacts for low-signal switching?
    • ⤷ Is the RIF-RHM-1 compatible with PWM control signals?