Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RJK0328DPB-01

  • AI
    The **RJK0328DPB-01** is a high-performance N-channel Power MOSFET developed by Renesas Electronics. It is primarily designed for high-efficiency power conversion applications, such as DC-DC converters used in computers and telecommunications equipment. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the RJK0328DPB-01: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-to-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 40 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 4.3 (typ) | mΩ | | **Total Gate Charge** | $Q_g$ | 16 (typ) | nC | | **Package Type** | - | LFPAK | - | --- ### 2. Major Features and Benefits * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which is critical for maintaining high efficiency in high-current applications. * **Low Gate Charge ($Q_g$):** Allows for high-speed switching and reduces the drive power requirements. * **LFPAK Package:** This is a "Loss Free Package" based on the SO-8 footprint. It offers excellent thermal performance and low parasitic inductance compared to traditional leaded packages. * **High Power Density:** Provides high current capability within a small surface-mount footprint. --- ### 3. Application Areas The RJK0328DPB-01 is commonly found in the following electronic circuits: 1. **Synchronous Buck Converters:** Used as the high-side or low-side switch in point-of-load (POL) power supplies. 2. **CPU/GPU Power Supplies:** Found in VRM (Voltage Regulator Modules) for motherboards and graphics cards. 3. **Battery Management Systems:** Used for switching and protection in portable electronic devices. 4. **DC-DC Modules:** Integrated into small form-factor power modules. --- ### 4. Typical Connection Diagram In a standard DC-DC buck converter, the MOSFET is utilized as follows: ```text Input (Vin) ---- [ Drain ] | [ RJK0328DPB ] --- [ Gate ] (From PWM Controller) | Input (GND) ---- [ Source ] ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFPAK package?
    • ⤷ Can the RJK0328DPB-01 be used as a replacement for standard SO-8 MOSFETs?
    • ⤷ What is the maximum junction temperature this part can handle?