Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RJK0393DPA-00-J5A

  • AI
    ## RJK0393DPA-00-J5A Technical Overview The **RJK0393DPA-00-J5A** is a high-performance **N-channel Power MOSFET** manufactured by Renesas Electronics. It is primarily designed for high-efficiency power management applications, such as DC-DC converters and voltage regulator modules (VRMs). --- ### Key Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30 V | Maximum voltage across drain and source. | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm$20 V | Maximum voltage range for the gate terminal. | | **Continuous Drain Current ($I_D$)** | 40 A | Maximum continuous current at $T_c = 25^\circ C$. | | **Low On-Resistance ($R_{DS(on)}$)** | ~2.8 m$\Omega$ | Resistance when the MOSFET is fully ON (at $V_{GS}=10V$). | | **Package Type** | WPAK | High thermal efficiency surface-mount package. | | **Configuration** | Single | Single N-channel transistor. | --- ### Core Characteristics #### 1. Low $R_{DS(on)}$ One of the standout features of this part is its very low static drain-source on-state resistance. This minimizes conduction losses, making it ideal for high-current applications where heat dissipation is a concern. #### 2. High-Speed Switching The device is optimized for high-frequency operation. It features low gate charge ($Q_g$) and low input capacitance ($C_{iss}$), which allows for faster transitions between the ON and OFF states, reducing switching losses. #### 3. WPAK Packaging The "DPA" suffix indicates the **WPAK** (Wiring Package). This is a specialized package similar to SO-8 but with a large thermal pad on the bottom. This design allows for: * Excellent heat dissipation into the PCB. * Reduced parasitic inductance compared to traditional leaded packages. --- ### Typical Applications This MOSFET is commonly found in the following electronic circuits: * **Motherboards & Servers:** Used in Point-of-Load (POL) converters. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies for power distribution. * **Notebook PCs:** Battery management systems and CPU power delivery. * **Motor Drives:** Low-voltage brushless DC motor control. --- ### Pin Configuration (Typical WPAK) ```text Top View +------------+ | 1 2 3 4 | 1, 2, 3: Source (S) | S S S G | 4: Gate (G) | | | [ Exposed ]| 5, 6, 7, 8 (Bottom Pad): Drain (D) | [ Drain ]| +------------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives for the RJK0393DPA?
    • ⤷ How does the WPAK package compare to a standard TO-220 in terms of thermal performance?
    • ⤷ What is the maximum junction temperature for this MOSFET?