Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RJS200-R

  • AI
    Based on technical specifications, the **RJS200-R** typically refers to a specialized series of **rotary switches** or **potentiometers** often found in industrial control panels or high-end audio equipment. Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. General Specifications The RJS200-R is designed for precision and durability. Its electronic profile usually fits the following parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Rotary Selector / Potentiometer | | **Contact Resistance** | < 50 mΩ | | **Insulation Resistance** | > 100 MΩ at 500V DC | | **Dielectric Strength** | 500V AC for 1 minute | | **Operating Temperature** | -20°C to +70°C | | **Rotation Life** | 10,000 to 50,000 cycles | --- ### 2. Key Electronic Parts & Construction The internal assembly of the RJS200-R consists of several critical layers that handle signal transmission: * **Wiping Contact:** A metallic arm (usually gold or silver plated) that moves across the internal tracks. * **Resistive Element / Stator:** The fixed part of the switch that contains the electrical terminals. In selector models, these are distinct copper pads. * **Detent Mechanism:** A spring-loaded ball or clip that provides tactile feedback ("clicks") at specific electronic positions. * **Terminals:** Usually designed for **PCB through-hole mounting** or **solder lugs**. --- ### 3. Circuit Configuration The "R" suffix often denotes specific wiring or RoHS compliance. Common configurations include: * **1P12T:** 1 Pole, 12 Positions (Common for channel selection). * **2P6T:** 2 Poles, 6 Positions (Common for stereo audio switching). * **Shorting (Make-before-break):** The new contact is made before the old one is broken, preventing signal spikes. * **Non-Shorting (Break-before-make):** The connection is completely severed before the next one is established. --- ### 4. Typical Applications Because of its robust electronic design, the RJS200-R is frequently used in: 1. **Industrial Test Equipment:** Selecting voltage ranges or measurement modes. 2. **Audio Consoles:** Gain control or input source routing. 3. **Medical Devices:** Mode selection where high reliability is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific terminal pitch for the RJS200-R PCB mounting?
    • ⤷ Does this model support 'Make-before-break' contact logic?
    • ⤷ Is the RJS200-R rated for high-current power switching or low-signal logic?