Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL-7700-3LP-R10

  • AI
    The **RL-7700-3LP-R10** is a specialized electronic component primarily used in high-frequency power electronics and RF (Radio Frequency) applications. It is most commonly identified as a **high-current power inductor** or a **directional coupler/transformer** assembly, depending on the specific manufacturer's revision (often associated with brands like Coilcraft or custom telecom suppliers). Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Key Technical Specifications While exact values can vary based on the specific production batch, the "7700" series typically follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Power Inductor / Magnetic Component | | **Inductance Range** | 10µH (nominal, indicated by '10' in suffix) | | **Current Rating** | High (typically 5A to 15A depending on thermal limits) | | **Mounting Type** | Surface Mount (SMD) / Low Profile | | **Operating Temp** | -40°C to +125°C | | **DC Resistance (DCR)** | Extremely low (mΩ range) to minimize power loss | --- ### 2. Physical Construction The "3LP" designation often refers to the **Low Profile** physical footprint, designed for compact circuit boards where vertical space is limited. * **Core Material:** Ferrite or powdered iron core to handle high saturation currents without losing inductance. * **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding sensitive components. * **Terminations:** Lead-free (RoHS compliant) tin-plated solder pads for reflow soldering. --- ### 3. Application Areas These parts are engineered for high-reliability environments. Typical use cases include: 1. **DC-DC Converters:** Acting as an energy storage element in buck or boost regulators. 2. **Voltage Regulator Modules (VRM):** Used in servers and high-end computing power delivery. 3. **Noise Filtering:** Used in "LC" filters to smooth out ripple current in power supplies. 4. **Telecom Infrastructure:** Found in base stations and networking hardware due to its high power density. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying replacements: ```text RL - 7700 - 3LP - R10 | | | | | | | +-- Inductance/Revision Code (0.10uH or 10uH) | | +------- Package Style (3-pin / Low Profile) | +-------------- Series Identifier +-------------------- Manufacturer Prefix (e.g., Renco Electronics) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the RL-7700 series?
    • ⤷ Can you provide the specific footprint dimensions for the 3LP package?
    • ⤷ How does the saturation current affect the performance of this inductor in a DC-DC converter?