Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL01-R12PE

  • AI
    The **RL01-R12PE** is a high-performance 1U rackmount server chassis manufactured by SilverStone, specifically designed for NVMe storage density and server-grade hardware. Below is a detailed breakdown of its electronic components and architectural features. ### 1. Storage Interface and Backplane The defining electronic feature of this chassis is its storage backplane, which manages the communication between high-speed drives and the motherboard. | Component | Specification | | :--- | :--- | | **Drive Bays** | 12 x 2.5" Hot-swappable bays | | **Interface Support** | NVMe (PCIe Gen4), SAS-12G, SATA-6G | | **Backplane Type** | Passive with SlimSAS (SFF-8654) connectors | | **Controller Requirement** | Requires HBA/RAID card or motherboard with OCuLink/SlimSAS support | --- ### 2. Cooling and Thermal Management To handle the heat generated by 12 NVMe drives and high-TDP processors in a 1U form factor, the RL01-R12PE utilizes a high-pressure cooling array. * **Fan Configuration:** Equipped with 5x 40mm x 28mm high-speed PWM fans. * **Electronic Control:** The fans are connected via 4-pin headers to the motherboard, allowing for dynamic speed adjustment based on thermal sensors. * **Airflow Optimization:** The internal electronics are shielded by an air shroud to ensure laminar flow over the CPU and RAM. --- ### 3. Expansion and Connectivity The chassis includes electronic routing for various I/O and expansion standards: * **PCIe Expansion:** Supports a full-height, half-length PCIe slot via a **riser card** (included in most configurations). * **Front I/O Panel:** * 2 x USB 3.1 Gen 1 ports. * Power Status LED, Network Activity LED, and System Alarm LED. * Hard Reset and Power buttons. * **Intrusion Switch:** An electronic micro-switch that alerts the BIOS/Management software if the chassis cover is removed. --- ### 4. Power Delivery System The RL01-R12PE does not come with a built-in power supply but is electronically compatible with specific standards: * **Form Factor:** Supports **1U Redundant Power Supplies**. * **Power Distribution:** Uses a Power Distribution Board (PDB) to split the high-current output of the redundant units into standard 24-pin ATX, 8-pin EPS, and peripheral power connectors. --- ### Summary of Physical/Electronic Specs | Feature | Detail | | :--- | :--- | | **Form Factor** | 1U Rackmount | | **Motherboard Compatibility** | SSI-EEB, SSI-CEB, Extended ATX, ATX, Micro-ATX | | **Indicators** | Power, HDD, 2x LAN, System Overheat | | **Dimensions** | 438mm (W) x 43.5mm (H) x 711.5mm (D) |
    ✨ Follow-up Questions
    • ⤷ What are the specific SlimSAS cable requirements for connecting the backplane to a RAID card?
    • ⤷ Does the RL01-R12PE support PCIe Gen 5 speeds on its backplane?
    • ⤷ What is the maximum TDP supported for CPUs within this 1U thermal environment?