Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL0816-R022F

  • AI
    The **RL0816-R022F** is a surface-mount (SMD) low-resistance chip resistor, primarily used for current sensing applications. It belongs to the RL series manufactured by **Susumu**. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 22 mΩ (0.022 Ohms) | | **Tolerance** | ±1% (F) | | **Power Rating** | 1/5W (0.2W) | | **Case Size (Imperial)** | 0603 | | **Case Size (Metric)** | 1608 | | **Temperature Coefficient (TCR)** | 0 to +200 ppm/°C | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Part Number Breakdown The nomenclature of this component follows a specific structure: * **RL**: Series Name (Low resistance chip resistors). * **0816**: Physical Dimensions (1.6mm x 0.8mm, which is a 0603 imperial size). * **R022**: Resistance value. "R" acts as a decimal point, signifying 0.022Ω. * **F**: Tolerance code. F represents ±1%. --- ### 3. Key Features and Construction 1. **Metal Glaze / Thick Film**: These resistors are typically constructed using a metal glaze or metal foil technology to ensure stability at low resistance values. 2. **Long-side Terminal (Optional)**: While the 0816 is standard, some variations in this series focus on heat dissipation through terminal design. 3. **Low Inductance**: Because these are used in high-frequency switching environments (like power supplies), they are designed with minimal parasitic inductance. --- ### 4. Typical Applications These components are essential in circuits where monitoring current flow is necessary without significantly dropping the voltage. * **DC-DC Converters**: Measuring output current for feedback loops. * **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles in mobile devices or laptops. * **Motor Control**: Detecting over-current conditions to prevent motor burnout. * **Power Inverters**: Used in the sensing stage of power conversion. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal foil in low-resistance sensing?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current sensing?
    • ⤷ Can this resistor be used in high-surge applications?