Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL0816-R10F

  • AI
    The **RL0816-R10F** is a high-precision, surface-mount (SMD) current-sensing chip resistor manufactured by **Susumu**. It belongs to the RL series, which is specifically designed for low resistance values and high reliability in power detection circuits. --- ### 1. Key Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | Details | |:---|:---|:---| | **Series** | RL | Low resistance, high stability series | | **Package Size** | 0805 (Metric 2012) | 0.8mm x 1.6mm (often used in "long-side" terminal configuration) | | **Resistance Value** | 0.10 $\Omega$ (100 m$\Omega$) | Represented by "R10" | | **Tolerance** | ±1.0% | Represented by the suffix "F" | | **Power Rating** | 1/5 W (0.2W) | Standard for this size | | **Operating Temp** | -55°C to +125°C | Industrial standard range | --- ### 2. Physical Construction Unlike standard thick-film resistors, the RL0816-R10F is a **Thin-Film** or specialized metal alloy resistor. This construction offers several advantages: * **Low Noise:** Provides cleaner signals for sensitive measurement circuits. * **Heat Dissipation:** Designed to handle current pulses without significant drift. * **Long-side Terminals:** Some variants in this series use the long side of the rectangle for termination to reduce parasitic inductance and improve heat transfer to the PCB. --- ### 3. Common Applications This component is primarily used for **Current Sensing** (Shunt Resistor). Because the resistance is very low (0.1 $\Omega$), it allows designers to measure the voltage drop across it to calculate current flow ($I = V/R$) with minimal power loss. * **DC-DC Converters:** Monitoring output current for feedback loops. * **Battery Management Systems (BMS):** Tracking charge/discharge cycles in mobile devices. * **Motor Control:** Detecting overcurrent conditions to prevent motor damage. * **Power Supplies:** Load regulation and protection. --- ### 4. Circuit Implementation Example When using the RL0816-R10F in a design, it is typically placed in series with the load. ```c // Calculation Example for 0.1 Ohm (R10) Current (I) = Measured Voltage (V) / 0.1 // If the voltmeter reads 10mV: I = 0.010V / 0.1 Ohm = 0.1A (100mA) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thick-film and thin-film resistors in current sensing?
    • ⤷ How does the power rating affect the choice of a shunt resistor?
    • ⤷ Can this resistor be used in high-frequency AC applications?