Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL1218-331-R

  • AI
    The **RL1218-331-R** is a specific electronic component belonging to the family of **Radial Leaded Inductors** (often referred to as power inductors or choke coils). These components are designed to store energy in a magnetic field and are commonly used for filtering and noise suppression. --- ### 1. Part Number Breakdown Based on standard industry naming conventions (typically associated with manufacturers like Bourns or similar generic series), the part number can be decoded as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **RL1218** | **Series/Size** | Indicates the physical dimensions and body style (Radial Leaded). | | **331** | **Inductance Value** | The numerical code for inductance (33 + one zero = 330 µH). | | **-R** | **RoHS Compliant** | Indicates the part is lead-free and meets environmental standards. | --- ### 2. Technical Specifications The typical characteristics of a 330 µH radial inductor in this series are outlined below: | Property | Value (Typical) | | :--- | :--- | | **Inductance** | 330 µH (Microhenries) | | **Tolerance** | Usually ±10% or ±20% | | **Core Material** | Ferrite | | **Mounting Type** | Through-Hole (Radial Leads) | | **Shielding** | Usually Unshielded | | **Operating Temp** | -40°C to +125°C | --- ### 3. Key Applications Inductors like the RL1218-331-R are vital in power management and signal processing circuits: * **DC/DC Converters:** Used as energy storage elements to smooth out voltage ripples. * **Power Supplies:** Acts as a filter to remove high-frequency noise from the power line. * **EMI/RFI Filtering:** Blocks electromagnetic interference in consumer electronics. * **Audio Equipment:** Used in crossover networks or to filter power hum. --- ### 4. Physical Construction The device generally consists of: 1. **Ferrite Core:** A bobbin-shaped core that concentrates the magnetic flux. 2. **Copper Winding:** Enameled wire wrapped around the core to create the inductance. 3. **Shrink Tubing:** Often covered in a polyolefin sleeve for insulation and physical protection. 4. **Leads:** Tin-plated copper leads for through-hole soldering on a PCB.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the RL1218-331-R?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?
    • ⤷ What are the physical dimensions (height and diameter) of the RL1218 series?