Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL1632H-R005F

  • AI
    The **RL1632H-R005F** is a specialized surface-mount (SMD) resistor primarily used for **current sensing** applications. It belongs to the high-power, low-resistance series manufactured by Susumu. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | RL1632H-R005F | Manufacturer Series: RL | | **Case Size** | 1206 (3216 Metric) | Standard surface mount dimensions | | **Resistance Value** | 0.005 Ω (5mΩ) | Ultra-low resistance for minimal voltage drop | | **Tolerance** | ±1% (F) | Precision tolerance for accurate measurement | | **Power Rating** | 0.5W (1/2 Watt) | High power handling for its small size | | **TCR** | ±100 ppm/°C | Low Temperature Coefficient of Resistance | | **Terminal Type** | Long-side Terminal | Enhances power dissipation and heat relief | --- ### 2. Internal Construction & Characteristics The "H" in the part number often signifies a **High Power** variant. These resistors are built using thin-film or metal foil technology on a ceramic substrate, designed to withstand thermal stress. #### Long-Side Terminations (Reverse Geometry) Unlike standard 1206 resistors where terminals are on the short ends, the **RL1632** series often utilizes the long sides for soldering. - **Benefit 1:** Better heat dissipation to the PCB. - **Benefit 2:** Lower parasitic inductance, which is critical for high-frequency switching circuits. - **Benefit 3:** Stronger mechanical solder joints. --- ### 3. Common Applications Because this component is a "Shunt Resistor" (Low Ohmic), it is used to measure current by measuring the voltage drop across it ($V = I \times R$). * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs. * **DC-DC Converters:** Providing feedback loops for power supply regulation. * **Motor Control:** Sensing current to prevent over-current conditions. * **Mobile Devices:** Power management in smartphones and tablets. --- ### 4. Code Breakdown ```text RL 1632 H - R005 F | | | | | | | | | +-- Tolerance: ±1% | | | +------ Resistance: 0.005 Ohms | | +-------------- Power Code: High Power | +------------------ Size: 1.6mm x 3.2mm (1206) +----------------------- Series: Low Resistance Chip Resistor ```
    ✨ Follow-up Questions
    • ⤷What is the difference between long-side and short-side terminations in current sensing?
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this resistor?