Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RL3264L49-R005F

  • AI
    The **RL3264L49-R005F** is a high-precision, low-resistance current sensing resistor, typically manufactured by **Susumu**. It belongs to the RL series, which is known for its excellent performance in power management and current detection circuits. --- ## 1. Component Identification The part number can be broken down into the following specifications: | Part Segment | Meaning | Specification | | :--- | :--- | :--- | | **RL3264** | Package Size | 3264 Metric (1226 Imperial) | | **L4** | Terminal Type | 4-Terminal (Kelvin Connection) | | **9** | Temperature Coefficient | Low TCR (±100ppm/°C or better depending on range) | | **R005** | Resistance Value | 0.005 $\Omega$ (5 m$\Omega$) | | **F** | Tolerance | ±1% | --- ## 2. Technical Specifications This component is designed to handle high current loads while maintaining high accuracy through a specialized terminal layout. * **Resistance:** 5 m$\Omega$ * **Power Rating:** Typically 1W to 2W (package dependent). * **Terminal Design:** **Long-side terminal / 4-terminal construction.** This allows for a "Kelvin" measurement, separating the current path from the voltage sensing path to eliminate lead resistance errors. * **Technology:** Metal foil / Thin film on ceramic substrate. * **Operating Temperature:** -55°C to +155°C. --- ## 3. Key Applications Because of its very low resistance and high precision, it is used in: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Sensing output current for feedback loops. 3. **Inverters:** High-speed current detection in motor control. 4. **Mobile Devices:** Power distribution monitoring in smartphones and laptops. --- ## 4. Why Use a 4-Terminal (Kelvin) Resistor? In a standard 2-terminal resistor, the solder joints and PCB traces add parasitic resistance. At 5 m$\Omega$, even a tiny amount of trace resistance can cause a 10-20% error. ```text Standard 2-Terminal: [Current + Sense] ---- [Resistor] ---- [Current + Sense] Kelvin 4-Terminal: [Current In] ---- [Resistor] ---- [Current Out] | | [Voltage Sense] [Voltage Sense] ``` *The voltage is measured directly across the resistive element, bypassing the voltage drop caused by high current flowing through the main leads.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the RL3264L4 series?
    • ⤷ How does a Kelvin connection reduce measurement error in mΩ resistors?
    • ⤷ What are the recommended PCB footprint dimensions for 3264 metric packages?