Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-4-R005G

  • AI
    The **RLW2012-4-R005G** is a high-precision, low-resistance shunt resistor primarily used for current sensing applications. It is part of the **RLW series** manufactured by companies like Susumu (or similar specialized resistor manufacturers). --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its physical and electrical characteristics: | Code | Component Segment | Description | | :--- | :--- | :--- | | **RLW** | Series Name | Wide terminal, low resistance chip resistor. | | **2012** | Case Size | Metric dimensions (2.0mm x 1.2mm), equivalent to **0805** imperial. | | **4** | Power Rating | Indicates power capacity (typically 1/2W or 1W depending on specific series charts). | | **R005** | Resistance Value | **0.005 $\Omega$** (or 5 m$\Omega$). | | **G** | Tolerance | **±2%** accuracy. | --- ### 2. Key Technical Specifications This component is designed for high-current circuits where power loss must be minimized. * **Resistance:** 5 m$\Omega$ (Milliohms). * **Terminals:** **Wide Terminal** design. The terminals are on the long sides of the rectangular body. * **Temperature Coefficient (TCR):** Usually very low (e.g., ±100ppm/°C) to ensure stability under heat. * **Operating Temperature:** Typically ranges from -55°C to +155°C. --- ### 3. Features and Advantages The RLW2012 series offers several advantages over standard resistors: 1. **High Heat Dissipation:** Because the terminals are on the long side (Wide Terminal), the distance for heat to travel to the PCB traces is shorter, allowing for higher power ratings in a smaller footprint. 2. **Reduced Parasitic Inductance:** The wide terminal structure minimizes inductance, making it suitable for high-frequency switching power supplies. 3. **Solder Joint Reliability:** The larger contact area reduces thermal stress on the solder joints, preventing cracks during thermal cycling. --- ### 4. Common Applications Due to its low resistance and high precision, it is commonly found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge current. * **DC-DC Converters:** Sensing output current for feedback loops. * **Motor Controllers:** Detecting overcurrent conditions. * **Smartphones and Laptops:** Managing power distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the advantage of a wide terminal design over a standard terminal design?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ Are there alternatives to the 'G' (2%) tolerance for higher precision?