Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-4-R025G

  • AI
    The **RLW2012-4-R025G** is a high-precision, low-resistance current sensing chip resistor. It is part of the RLW series, which is characterized by a "wide-terminal" design to enhance power dissipation and reliability. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Segment | Value | Meaning | | :--- | :--- | :--- | | **RLW** | Series | Wide Terminal Current Sensing Resistor | | **2012** | Case Size | Metric size 2012 (Imperial equivalent: 0805) | | **4** | Power Rating | Indicates high power (often 1/2W or 2/3W depending on manufacturer) | | **R025** | Resistance | 0.025 Ohms ($25 m\Omega$) | | **G** | Tolerance | $\pm 2\%$ (standard for this series) | --- ### 2. Key Technical Specifications These parts are engineered for power management circuits where accuracy and heat management are critical. * **Resistance Value:** 25 mΩ (Milliohms). * **Case Style:** Wide Terminal (the electrodes are on the long sides of the rectangular body). * **Temperature Coefficient (TCR):** Usually low (approx. $\pm 100 \text{ to } \pm 600 \text{ ppm/}^\circ\text{C}$), ensuring stability across temperatures. * **Construction:** Thick film or Metal foil on a ceramic substrate. --- ### 3. Features and Advantages #### Wide Terminal Design Unlike standard resistors where terminals are on the short ends, the RLW2012 has terminals on the **long sides**. This provides: 1. **Higher Power Rating:** A larger contact area allows for better heat dissipation into the PCB. 2. **Reduced Thermal Stress:** Decreases the risk of solder joint cracking due to thermal expansion. 3. **Lower Inductance:** Ideal for high-frequency switching applications. #### Current Sensing (Shunt) Because the resistance is extremely low (25mΩ), this part acts as a "shunt." By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller can calculate the current flowing through a circuit with minimal power loss. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or power tools. * **DC-DC Converters:** Providing feedback for current-mode control. * **Motor Control:** Detecting overcurrent conditions to protect the motor. * **LED Drivers:** Ensuring a constant current is supplied to high-power LEDs.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for wide-terminal resistors?
    • ⤷ How does the power rating of a wide-terminal 2012 size compare to a standard 2012 resistor?
    • ⤷ What are the alternatives if I need a tighter tolerance than the 'G' (2%) rating?