Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-F-R005G

  • AI
    The **RLW2012-F-R005G** is a high-precision, low-resistance chip resistor designed for current sensing applications. It is part of the **RLW series** (Wide Terminal Type), which is engineered for superior heat dissipation and higher power ratings compared to standard chip resistors. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electronic characteristics: | Code | Segment | Description | | :--- | :--- | :--- | | **RLW** | Series | Wide Terminal Low Ohmic Chip Resistor | | **2012** | Case Size | Metric 2012 (Imperial 0805), but with **Wide Terminals** | | **F** | Tolerance | ±1% Accuracy | | **-** | Separator | Standard hyphen | | **R005** | Resistance | 0.005 Ohms (5 mΩ) | | **G** | Packaging | Typically refers to embossed plastic tape/reel | --- ### 2. Technical Specifications Below are the primary electrical and physical parameters: | Parameter | Value | | :--- | :--- | | **Resistance Value** | 5 mΩ (0.005 Ω) | | **Power Rating** | Typically 0.75W to 1W (High due to wide terminals) | | **Tolerance** | ±1% | | **Temperature Coefficient (TCR)** | ±100 ppm/°C (Typical for this range) | | **Operating Temp Range** | -55°C to +155°C | | **Terminal Construction** | Wide Side Terminals (Long-side electrodes) | --- ### 3. Key Electronic Features * **Wide Terminal Design:** Unlike standard 0805 resistors where terminals are on the short sides, the RLW2012 has terminals on the long sides. This provides: * **Better Heat Dissipation:** Larger solder joint area moves heat into the PCB more efficiently. * **Reduced Thermal Stress:** Lower risk of solder joint cracking. * **Higher Power Density:** Allows a small footprint to handle more wattage. * **Low Ohmic Value:** At 5mΩ, it is used as a **Shunt Resistor**. It creates a very small voltage drop that can be measured by an IC to calculate current flow ($I = V/R$). --- ### 4. Typical Applications * **Power Management:** DC-DC converters and battery management systems (BMS). * **Motor Control:** Sensing phase current in small brushless motors. * **Mobile Devices:** Monitoring battery discharge rates in smartphones or tablets. * **Automotive:** Control modules requiring high reliability and thermal stability. ---
    ✨ Follow-up Questions
    • ⤷ How does the wide terminal design specifically prevent 'thermal runaway' compared to standard resistors?
    • ⤷ What is the recommended PCB footprint layout for the RLW2012 to ensure maximum accuracy?
    • ⤷ Can this resistor be used in high-frequency pulse applications?