Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-F-R005J

  • AI
    The **RLW2012-F-R005J** is a surface-mount (SMD) low-ohmic current sensing resistor. These components are specifically designed to monitor current flow in a circuit by measuring the voltage drop across them. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the technical specifications: | Code Segment | Description | Specific Value | | :--- | :--- | :--- | | **RLW** | Series Name | Wide terminal current sensing resistor | | **2012** | Package Size | 2.0mm x 1.25mm (Imperial 0805) | | **F** | Tolerance | ±1% | | **R005** | Resistance Value | 0.005 Ohms (5mΩ) | | **J** | Packaging | Tape & Reel (typically) | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for this specific component: * **Resistance:** 5 mΩ (Milliohms) * **Power Rating:** Usually around 0.5W to 0.75W (dependent on the wide-terminal design which improves heat dissipation). * **Construction:** Metal foil or metal plate element. * **Terminal Type:** **Wide Terminal.** Unlike standard 0805 resistors where the terminals are on the short sides, RLW series often feature terminals on the long sides. This reduces parasitic inductance and improves thermal management. * **Temperature Coefficient (TCR):** Low TCR (e.g., ±100ppm/°C) to ensure accuracy across temperature changes. --- ### 3. Applications Because this resistor has an extremely low resistance (5mΩ), it is used for **Current Sensing**: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents. 2. **DC-DC Converters:** Providing feedback for current-mode control. 3. **Motor Control:** Detecting overcurrent conditions or managing torque. 4. **Power Supplies:** Load monitoring in telecommunications or consumer electronics. --- ### 4. Why "Wide Terminal"? The "W" in RLW signifies a **Wide Terminal** configuration. This offers several engineering advantages: * **Higher Power Density:** The larger contact area allows for better heat transfer to the PCB. * **Mechanical Strength:** Stronger solder joints against thermal cycling. * **Lower Inductance:** Ideal for high-frequency switching applications.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does a wide-terminal resistor differ in PCB layout from a standard 0805?
    • ⤷ What are the alternatives to using a shunt resistor for current sensing?