Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-F-R025J

  • AI
    The **RLW2012-F-R025J** is a specialized surface-mount (SMD) resistor, commonly known as a **Current Sense Resistor** or Shunt Resistor. These components are designed to measure current flow by monitoring the voltage drop across them. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **RLW** | Series | Wide Terminal / Low Resistance Series | | **2012** | Package Size | 2.0mm x 1.25mm (Metric) / 0805 (Imperial) | | **F** | Tolerance | ±1% Accuracy | | **R025** | Resistance | 0.025 Ohms ($25m\Omega$) | | **J** | Packaging | Typically indicates Paper/Embossed Tape & Reel | --- ### 2. Key Technical Specifications The RLW series is unique because of its "Wide Terminal" construction. Instead of the terminals being on the short ends, they are on the long sides. * **Resistance Value:** $25 m\Omega$ ($0.025 \Omega$) * **Power Rating:** Typically higher than standard 0805 resistors (often 0.5W to 1W) due to the wide terminal design. * **Temperature Coefficient (TCR):** Usually low (e.g., $\pm 100ppm/^\circ C$) to maintain accuracy across temperatures. * **Construction:** Metal foil or thick film on ceramic substrate. --- ### 3. Why Wide Terminals? The "2012" in this part indicates the terminals are on the **2.0mm side** rather than the **1.25mm side**. This provides several advantages: 1. **Heat Dissipation:** Larger terminal surface area allows heat to transfer more efficiently into the PCB copper traces. 2. **Higher Power Density:** Can handle more wattage than a standard 0805 resistor of the same footprint. 3. **Reduced Parasitic Inductance:** Shortens the current path through the resistor body. --- ### 4. Typical Applications This part is used in circuits where current needs to be monitored without significantly impeding the flow: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **DC-DC Converters:** Providing feedback for over-current protection. * **Motor Controllers:** Sensing phase current to adjust torque or speed. * **Power Supplies:** Load sensing in high-efficiency equipment.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a 25mOhm resistor over a higher resistance value for current sensing?
    • ⤷ How does the 'Wide Terminal' design affect the soldering process on a PCB?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?