Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RLW2012-F-R030J

  • AI
    The **RLW2012-F-R030J** is a surface-mount (SMD) low-ohmic current sensing resistor. This specific part belongs to a class of components used primarily for power management and monitoring current flow in electronic circuits. ### 1. Part Number Breakdown The nomenclature follows a specific logic used by manufacturers (typically Cyntec or similar brands): | Segment | Meaning | Detail | | :--- | :--- | :--- | | **RLW** | Series Code | Wide-terminal type low-resistance chip resistor. | | **2012** | Case Size | Metric 2012 (Imperial **0805**). | | **F** | Tolerance | ±1% (Precision grade). | | **R030** | Resistance | 0.030 Ohms (or **30 mΩ**). | | **J** | Packaging | Typically refers to Paper Tape & Reel. | --- ### 2. Key Specifications These resistors are designed for "Current Shunt" applications. By measuring the voltage drop across this known 30mΩ resistance ($V = I \times R$), a controller can calculate the current. * **Resistance Value:** 30 mΩ (0.030Ω) * **Power Rating:** Usually around 0.5W to 1W (higher than standard 0805s due to wide terminals). * **Case Style:** **Wide Terminal.** Unlike standard resistors where the terminals are on the short sides, wide-terminal resistors have contacts on the long sides. This improves heat dissipation and reduces parasitic inductance. * **TCR (Temperature Coefficient):** Low TCR (often $\pm 100$ ppm/°C) to ensure accuracy across temperature fluctuations. --- ### 3. Applications The RLW2012-F-R030J is commonly found in circuits where power efficiency and monitoring are critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in smartphones or laptops. 2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current conditions. 3. **Motor Control:** Sensing the load on small DC motors. 4. **LED Drivers:** Ensuring a constant current is supplied to high-brightness LEDs. --- ### 4. Comparison: Standard vs. Wide Terminal | Feature | Standard 0805 (1220 Metric) | Wide Terminal 2012 (0812 Imperial) | | :--- | :--- | :--- | | **Terminal Orientation** | Short sides | Long sides | | **Heat Dissipation** | Moderate | Superior (Larger solder contact area) | | **Power Handling** | Lower | Higher | | **Mechanical Stress** | Standard | More robust against PCB flexing |
    ✨ Follow-up Questions
    • ⤷ What is the benefit of using a wide-terminal resistor over a standard one in high-power circuits?
    • ⤷ How do I calculate the voltage drop across this resistor if 2 Amps are flowing through it?
    • ⤷ Are there alternative resistance values available in the RLW2012 series?