Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RM-05-R

  • AI
    The **RM-05-R** typically refers to a specific series of **electromechanical relays** or **passive components** (like resistor networks), depending on the manufacturer. Most commonly, in industrial automation and PCB design, it identifies as a **miniature power relay** or a **resistance network**. Below is a detailed breakdown of the electronic specifications and characteristics of the RM-05-R relay series. --- ### 1. General Specifications These parts are designed for switching power in small-scale circuits, such as home appliances or industrial controllers. | Feature | Standard Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 5V DC (indicated by the "05") | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Mounting Type** | Through-Hole (PCB Mount) | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) | --- ### 2. Electrical Characteristics The RM-05-R is categorized by its ability to handle moderate current in a small footprint. * **Coil Power Consumption:** Typically around 200mW to 450mW. * **Max Switching Voltage:** 250V AC / 30V DC. * **Max Switching Current:** 5A to 10A (depending on the specific sub-model). * **Insulation Resistance:** 1,000MΩ Min (at 500V DC). * **Dielectric Strength:** 1,000V AC between open contacts; 2,000V AC between coil and contacts. --- ### 3. Pin Configuration and Physical Layout The "R" suffix often denotes a **RoHS compliant** version or a specific **pin orientation** (Right-angle or Reverse layout). #### Common Pinout (5-Pin Layout): 1. **Coil Pin 1:** Input Voltage (+5V). 2. **Coil Pin 2:** Ground/Common. 3. **Common (COM):** The moving part of the switch. 4. **Normally Closed (NC):** Connected to COM when the coil is OFF. 5. **Normally Open (NO):** Connected to COM when the coil is ON. --- ### 4. Typical Applications The RM-05-R is widely used in circuits where a low-power microcontroller (like an Arduino or ESP32) needs to control a high-power load. * **Smart Home:** Controlling lights, fans, or smart plugs. * **Industrial:** PLC output modules and signal switching. * **Protection:** Used as an isolation barrier between high-voltage AC and low-voltage DC logic. --- ### 5. Schematic Example (Basic Control) To drive this relay with a microcontroller, a flyback diode and a transistor are required: ```cpp // Simple Arduino Logic to trigger RM-05-R void setup() { pinMode(7, OUTPUT); // Connected to Base of NPN Transistor } void loop() { digitalWrite(7, HIGH); // Relay ON (Closes NO contact) delay(1000); digitalWrite(7, LOW); // Relay OFF (Opens NO contact) delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the RM-05-R relay?
    • ⤷ Does the RM-05-R require a flyback diode for protection?
    • ⤷ What are the physical dimensions of the RM-05-R package?