Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RM-09-R

  • AI
    The **RM-09-R** typically refers to a specific series of **Rotary Drip/Coded Switches** or **Potentiometer modules** depending on the manufacturer (most commonly associated with brands like *Suntan* or *Reflow* type components). Below is a detailed breakdown of the electronic specifications and characteristics of the RM-09-R series. --- ### 1. General Overview The RM-09-R is a sub-miniature rotary component, often used for circuit switching or signal adjustment in compact electronic devices. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Rotary Coded Switch / Potentiometer | | **Mounting Type** | Through-hole (PCB) | | **Orientation** | Right Angle (indicated by the "-R" suffix) | | **Size** | 9mm Square | | **Terminal Pitch** | 2.54mm (Standard) | --- ### 2. Electrical Characteristics The electrical performance is designed for low-power signal switching rather than high-power load management. | Parameter | Value | | :--- | :--- | | **Switching Rating** | 5V DC to 24V DC, 25mA to 100mA | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 250V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Life Cycle** | 10,000 to 20,000 steps | --- ### 3. Mechanical Parts and Structure The unit is comprised of several key materials designed for durability and heat resistance during soldering. * **Actuator:** Usually made of high-temperature thermoplastic (e.g., LCP or Nylon). It can be "Flat" or "Cross" shaped for screwdriver adjustment. * **Housing:** Heat-resistant plastic housing, often colored to indicate the coding logic (e.g., Real Code vs. Complement Code). * **Terminals:** Brass or Phosphor Bronze with gold or tin plating to prevent oxidation and ensure reliable soldering. * **Sealing:** Often features an O-ring or epoxy seal to make the part "washable" after soldering. --- ### 4. Common Pinout Configuration (Coded Switch) When used as a rotary coded switch (Binary Coded Decimal - BCD), the pinout generally follows this logic: | Pin Number | Function | | :--- | :--- | | **C** | Common Terminal (Input) | | **1** | Bit 0 (Value 1) | | **2** | Bit 1 (Value 2) | | **4** | Bit 2 (Value 4) | | **8** | Bit 3 (Value 8) | --- ### 5. Applications * **Address Setting:** Used in industrial automation to set the ID or address of a device on a bus (like RS-485). * **Mode Selection:** Selecting operating modes in embedded systems. * **Testing Equipment:** Calibration and configuration settings.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Real Code and Complement Code in the RM-09 series?
    • ⤷ Can the RM-09-R handle reflow soldering temperatures?
    • ⤷ Are there surface-mount (SMD) versions available for this component?