Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RMJ-J-R

  • AI
    The **RMJ-J-R** is a specific electronic component typically classified as a **surface-mount (SMD) power inductor** or a specialized **magnetic component**. While "RMJ" can sometimes refer to proprietary series from manufacturers like RCD Components or others, it is most commonly associated with high-reliability power applications. ### 1. Technical Specifications The part number suffix typically indicates the tolerance and packaging. Here is a breakdown of the standard technical profile for this type of component: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Surface Mount Device (SMD) | | **Tolerance (J)** | ±5% | | **Packaging (R)** | Tape & Reel (for automated assembly) | | **Material** | Ferrite Core with Copper Winding | | **Mounting Style** | Surface Mount (SMT) | --- ### 2. Key Features * **High Power Density:** Designed to handle significant current relative to its small physical footprint. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation during operation. * **Magnetic Shielding:** Most parts in this series are shielded to reduce Electromagnetic Interference (EMI), which is critical for densely packed circuit boards. * **Robust Construction:** Built to withstand high-temperature soldering reflow processes. --- ### 3. Applications Inductors like the RMJ-J-R are used across various electronic sectors for energy storage and noise filtering: 1. **DC-DC Converters:** Used as the primary energy storage element in buck/boost regulators. 2. **Power Supplies:** Found in laptops, servers, and industrial power modules. 3. **EMI Filtering:** Used in input/output stages to smooth out voltage ripples and block high-frequency noise. 4. **Telecommunications:** Integral to base stations and networking hardware where reliability is paramount. --- ### 4. Circuit Symbol and Footprint In a schematic, this part is represented by the standard inductor symbol. In PCB design, it requires a specific "land pattern" based on its physical dimensions (commonly 0805, 1206, or larger depending on the specific "RMJ" size code). ```text Schematic Symbol: L1 ---( )--- L ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions for the RMJ-J-R series?
    • ⤷ How does the 'J' tolerance impact circuit performance compared to 'K' tolerance?
    • ⤷ Which manufacturers currently produce the RMJ-J-R component?