Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RN-R

  • AI
    The term **RN-R** in electronics typically refers to a specific military and industrial classification for **fixed, precision, metal film resistors**. These components are governed by the military standard **MIL-R-10509**. --- ## 1. Technical Specification Breakdown The designation "RN-R" is part of a coding system that identifies the physical and electrical characteristics of the resistor. | Part Segment | Meaning | Description | | :--- | :--- | :--- | | **RN** | Style | Indicates a fixed, film-type resistor (High Stability). | | **##** (e.g., 55, 60) | Size/Power | Defines the physical dimensions and wattage (e.g., 55 = 1/8W, 60 = 1/4W). | | **C / D / E** | Characteristic | Defines the Temperature Coefficient (TCR). | | **####** | Resistance | The first three digits are significant; the fourth is the multiplier. | | **Letter** | Tolerance | Usually **F** (±1%), **D** (±0.5%), or **B** (±0.1%). | --- ## 2. Key Features of RN-R Resistors These parts are chosen over standard commercial resistors (like carbon film) for specific high-performance reasons: * **Low Noise:** Metal film technology produces significantly less thermal noise, making them ideal for audio pre-amplifiers and sensitive instrumentation. * **Precision:** They offer very tight tolerances, ensuring the circuit behaves exactly as designed. * **Thermal Stability:** They have a low Temperature Coefficient of Resistance (TCR), meaning their resistance value does not change significantly as the device heats up. * **Reliability:** Built to withstand environmental stresses such as humidity and vibration, adhering to military-grade testing. --- ## 3. Common Comparison: RN vs. RL In military electronics, you will often see both RN and RL designations. | Feature | RN Series (Metal Film) | RL Series (Metal Glaze/Oxide) | | :--- | :--- | :--- | | **Primary Use** | Precision and Low Noise | General Purpose / Power | | **Tolerance** | Very Tight (0.1% to 1%) | Looser (2% to 5%) | | **Stability** | Excellent | Moderate | --- ## 4. Example Identification If you see a part labeled **RN55D1002F**: * **RN55:** 1/8 Watt metal film resistor. * **D:** Temperature coefficient of ±100 ppm/°C. * **1002:** 10,000 Ohms (10kΩ). * **F:** ±1% Tolerance.
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature coefficient ratings for characteristics C
    • ⤷ D
    • ⤷ and E?
    • ⤷ How do RN-series resistors compare to the newer RNC-series in terms of reliability?
    • ⤷ Can RN-series resistors be used in high-frequency RF applications?