Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ROM-2238P-NF-R

  • AI
    ## Electronic Component Overview: ROM-2238P-NF-R The **ROM-2238P-NF-R** is a specialized audio component, specifically an **Omnidirectional Electret Condenser Microphone (ECM)**. It is designed to convert acoustic sound waves into electrical signals and is commonly used in telecommunications and consumer electronics. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the device: | Parameter | Value / Range | | :--- | :--- | | **Type** | Electret Condenser Microphone (ECM) | | **Directivity** | Omnidirectional (picks up sound from all directions) | | **Sensitivity** | -38 dB ± 3dB (at 1kHz) | | **Frequency Range** | 20 Hz ~ 20,000 Hz | | **Operating Voltage** | 2.0V (Standard), up to 10V Max | | **Current Consumption** | 0.5 mA (Max) | | **Signal-to-Noise Ratio** | > 60 dB | | **Output Impedance** | 2.2 kΩ | | **Mounting Type** | Through-hole (Solder Pins) | | **Dimensions** | ~9.7 mm Diameter x 6.7 mm Height | --- ### 2. Key Internal Components The ROM-2238P-NF-R operates based on electrostatic principles. Its internal structure consists of: * **Vibrating Diaphragm:** A thin, metallic-coated plastic film that vibrates when struck by sound waves. * **Electret Material:** A permanently charged dielectric material that provides the necessary electric field. * **FET (Field Effect Transistor):** Because the capsule has very high impedance, an internal JFET acts as an impedance converter to make the signal usable for standard circuits. * **Housing:** A metal (usually aluminum) shield that protects the internals and provides RF shielding. --- ### 3. Application Circuitry To use this component, you typically need a simple "biasing" circuit. Since it contains an internal FET, it requires a DC voltage to operate. ```text Vcc (Supply) | [R_load: 2.2kΩ] | +----||---- Audio Out (AC Coupled) | (Capacitor) | [Mic (+)] [Mic (-)] | Ground ``` ### 4. Common Use Cases * **Telephony:** Handsets and speakerphones. * **Consumer Electronics:** Voice recorders, smart home assistants, and laptops. * **Security:** Sound detection sensors and intercoms. * **Industrial:** Acoustic monitoring devices. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an omnidirectional and a unidirectional microphone in electronic circuits?
    • ⤷ How do I calculate the optimal load resistor (R_load) for this microphone?
    • ⤷ What are the soldering precautions for electret microphones to prevent damage?