Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RP2-10-R

  • AI
    The **RP2-10-R** is a high-performance, high-voltage power resistor commonly used in industrial and specialized electronic circuits. It is part of the RP series (often associated with manufacturers like Riedon or similar precision resistor specialists). --- ### 1. Key Technical Specifications The RP series is designed to handle significant power loads while maintaining stability under high-voltage stress. | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Value** | 10 Ohms (Indicated by the "10" in the part number) | | **Tolerance** | Generally ±1% or ±5% (depending on specific sub-series) | | **Power Rating** | 2 Watts (Standard for the "RP2" body size) | | **Construction** | Metal Film or Wirewound (Specific to high-voltage stability) | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ### 2. Physical Characteristics These resistors are built to withstand environmental stressors and electrical surges. * **Coating:** Usually encapsulated in a flameproof silicone or epoxy coating to ensure safety during overload conditions. * **Lead Material:** Tinned copper leads for high conductivity and ease of soldering. * **Form Factor:** Through-hole axial leaded package, allowing for robust mounting on PCBs (Printed Circuit Boards). --- ### 3. Applications and Use Cases The RP2-10-R is not a standard hobbyist resistor; it is typically found in environments where reliability is critical. * **Voltage Dividers:** Used in high-voltage measurement circuits. * **Surge Protection:** Acting as a current limiter to protect sensitive downstream components. * **Power Supplies:** Found in the output stages of industrial-grade power converters. * **Medical Equipment:** Used in devices that require stable resistance values under varying thermal conditions. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **RP2** | Series designation and Power Rating (2 Watts). | | **10** | The Resistance Value (10 $\Omega$). | | **R** | RoHS Compliant (Lead-free). | ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage ratings for the RP2 series?
    • ⤷ Are there surface-mount (SMD) equivalents for the RP2-10-R?
    • ⤷ How does the temperature coefficient of this resistor affect its performance in precision circuits?