Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RPM7238-R

  • AI
    ## Overview of the RPM7238-R The **RPM7238-R** is a miniaturized infrared (IR) receiver module designed for remote control systems. It integrates a high-performance photo diode and a specialized IC (Integrated Circuit) into a single side-view package. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Carrier Frequency** | 37.9 kHz | | **Operating Voltage** | 2.7V to 3.6V (Low voltage support) | | **Current Consumption** | 0.3mA to 0.5mA (Typical) | | **Peak Wavelength** | 950 nm | | **Transmission Distance** | Up to 12 meters | | **Output Type** | Active Low (TTL / CMOS compatible) | --- ### 2. Internal Block Components The "Electronic Parts" inside the RPM7238-R consist of several stages to ensure the IR signal is accurately converted into a digital signal: 1. **PIN Photodiode:** Converts the incoming infrared light pulses into a weak electrical current. 2. **Preamplifier:** Amplifies the small signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts the sensitivity based on ambient noise to prevent false triggering. 4. **Band Pass Filter (BPF):** Specifically tuned to **37.9 kHz**. It rejects signals from fluorescent lights or other IR sources not operating at this frequency. 5. **Demodulator & Integrator:** Removes the 37.9 kHz carrier wave, leaving only the original data envelope. 6. **Output Transistor:** An open-collector (or similar) driver that pulls the output pin to Ground when a valid signal is detected. --- ### 3. Pin Configuration The device typically features three pins in a side-facing orientation: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | Output signal (Connects to Microcontroller) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply (Typically 3.0V or 3.3V) | --- ### 4. Implementation Circuit To use the RPM7238-R effectively, a simple RC filter is recommended on the power line to suppress noise. ```cpp // Example: Connection to Arduino // Vcc -> 3.3V (with 100 ohm resistor) // GND -> Ground // Vout -> Digital Pin 2 (with 10k pull-up resistor if internal pull-up is off) int irPin = 2; void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ``` --- ### 5. Common Applications * **Consumer Electronics:** TV, DVD players, and Air Conditioners. * **Home Automation:** IR-controlled lighting and smart curtains. * **Robotics:** Simple proximity sensing or remote command execution.
    ✨ Follow-up Questions
    • ⤷ How does the Band Pass Filter help in noisy environments?
    • ⤷ Can I use the RPM7238-R with a 5V power supply?
    • ⤷ What is the difference between the RPM7238-R and the TSOP series receivers?